Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDZB-CJG-3J8L-I1 Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # DDZB-CJG-3J8L-I1
Description  High brightness surface mount LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDZB-CJG-3J8L-I1 Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button DDZB-CJG-3J8L-I1 Datasheet HTML 7Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 8Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 9Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 10Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 11Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 12Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 13Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 14Page - DOMINANT Semiconductors DDZB-CJG-3J8L-I1 Datasheet HTML 15Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
04/08/2014 V3.0
11
Taping and orientation
• Reels come in quantity of 2000 units.
• Reel diameter is 180 mm.
InGaN: DDZB-CJG-3J8L-I1
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DDZB-CJG-3J8L-I1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDZB-DJG-1-I1 DOMINANT-DDZB-DJG-1-I1 Datasheet
1Mb / 16P
   High brightness surface mount LED
DDZB-DZJG-1-5MA DOMINANT-DDZB-DZJG-1-5MA Datasheet
1Mb / 16P
   High brightness surface mount LED
DDZB-LJG DOMINANT-DDZB-LJG Datasheet
1Mb / 17P
   High brightness surface mount LED
More results

Similar Description - DDZB-CJG-3J8L-I1

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com