Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDX-XRX Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part # DDX-XRX
Description  High brightness surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-XRX Datasheet(HTML) 4 Page - DOMINANT Semiconductors

  DDX-XRX Datasheet HTML 1Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 2Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 3Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 4Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 5Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 6Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 7Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 8Page - DOMINANT Semiconductors DDX-XRX Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
InGaN : DDx-xRx
27/02/2013 V6.0
4
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping Tj=250C
Wavelength distribution (nm)
Color
DDT; True Green
DDB; Blue
Full
W
X
Y
Z
Full
W
X
Y
520 - 536
520 - 524
524 - 528
528 - 532
532 - 536
464 - 476
464 - 468
468 - 472
472 - 476
DOMINANT
Opto Technologies
Innovating Illumination
TM
P1
P2
Q1
Q2
R1
R2
S1
S2
T1
T2
U1
U2
45.0...56.0
56.0...71.5
71.5...90.0
90.0...112.5
112.5...140.0
140.0...180.0
180.0...224.0
224.0...285.0
285.0...355.0
355.0...450.0
450.0...560.0
560.0...715.0
Brightness Group
Luminous Intensity
IV (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.


Similar Part No. - DDX-XRX

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDX-XRS-I2 DOMINANT-DDX-XRS-I2 Datasheet
1Mb / 12P
   High brightness surface mount LED
DDX-XRS1 DOMINANT-DDX-XRS1 Datasheet
952Kb / 14P
   High brightness surface mount LED
More results

Similar Description - DDX-XRX

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com