Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PJEC5V0V6TS Datasheet(PDF) 5 Page - Pan Jit International Inc.

Part # PJEC5V0V6TS
Description  Very Low Capacitance TVS/ESD Protection
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

PJEC5V0V6TS Datasheet(HTML) 5 Page - Pan Jit International Inc.

  PJEC5V0V6TS Datasheet HTML 1Page - Pan Jit International Inc. PJEC5V0V6TS Datasheet HTML 2Page - Pan Jit International Inc. PJEC5V0V6TS Datasheet HTML 3Page - Pan Jit International Inc. PJEC5V0V6TS Datasheet HTML 4Page - Pan Jit International Inc. PJEC5V0V6TS Datasheet HTML 5Page - Pan Jit International Inc. PJEC5V0V6TS Datasheet HTML 6Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
PPJEC5V0V6TS
October 15,2015-REV.00
Page 5
Part No_packing code_Version
PJEC5V0V6TS_R1_00001
PJEC5V0V6TS_R2_00001
For example :
RB500V-40_R2_00001
˙Serial number
˙
˙Version code means HF
Part No.
˙Packing size code means 13"
˙Packing type means T/R
Packing Code XX
Version Code XXXXX
Packing type
1
st
Code
Packing size code
2
nd
Code
HF or
RoHS
1
st
Code
2
nd~5th
Code
Tape and Ammunition
Box (T/B)
A
N/A
0
HF
0
serial
number
Tape and Reel (T/R)
R
7"
1
RoHS
1
serial
number
Bulk Packing (B/P)
B
13"
2
Tube Packing (T/P)
T
26mm
X
Tape and Reel (Right Oriented)
(TRR)
S
52mm
Y
Tape and Reel (Left Oriented)
(TRL)
L
PANASERT T/B
CATHODE UP (PBCU)
U
FORMING
F
PANASERT T/B
CATHODE DOWN (PBCD)
D


Similar Part No. - PJEC5V0V6TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC5V0V6TA PANJIT-PJEC5V0V6TA Datasheet
227Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6TB PANJIT-PJEC5V0V6TB Datasheet
274Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6TM PANJIT-PJEC5V0V6TM Datasheet
260Kb / 6P
   Very Low Capacitance ESD Protection
More results

Similar Description - PJEC5V0V6TS

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJEC5V0V6FN2 PANJIT-PJEC5V0V6FN2 Datasheet
217Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0M1TS PANJIT-PJEC5V0M1TS Datasheet
231Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6TA PANJIT-PJEC5V0V6TA Datasheet
227Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6W PANJIT-PJEC5V0V6W Datasheet
209Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC5V0V6WS PANJIT-PJEC5V0V6WS Datasheet
217Kb / 6P
   Very Low Capacitance TVS/ESD Protection
PJEC3V0V1WS PANJIT-PJEC3V0V1WS Datasheet
248Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
Rectron Semiconductor
ESD0215V0C RECTRON-ESD0215V0C Datasheet
150Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
Pan Jit International I...
PJEC5V0V6TB PANJIT-PJEC5V0V6TB Datasheet
274Kb / 6P
   Very Low Capacitance TVS/ESD Protection
logo
Rectron Semiconductor
ESD0215V0CV RECTRON-ESD0215V0CV Datasheet
379Kb / 5P
   Very Low Capacitance TVS/ESD Protection
logo
STMicroelectronics
USBLC6-4 STMICROELECTRONICS-USBLC6-4_08 Datasheet
261Kb / 13P
   Very low capacitance ESD protection
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com