Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPI5342-H Datasheet(PDF) 2 Page - AUK corp

Part # SPI5342-H
Description  Photo Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SPI5342-H Datasheet(HTML) 2 Page - AUK corp

  SPI5342-H Datasheet HTML 1Page - AUK corp SPI5342-H Datasheet HTML 2Page - AUK corp SPI5342-H Datasheet HTML 3Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
KPE-0003-000
2
SPI5342-H
Absolute maximum ratings
Characteristic
Symbol
Ratings
Unit
Reverse Voltage
VR
40
V
Power Dissipation
PD
170
mW
Operating Temperature
Topr
-20~70
Storage Temperature
Tstg
-25~85
*1Soldering Temperature
Tsol
260℃ for 5 seconds
*1.Keep the distance more than 2.0mm from PCB to the bottom of LED package
Electrical Characteristics
Characteristic
Symbol
Test Condition
Min.
Typ.
Max.
Unit
*1Short Circuit Current
ISC
Ee=6mW/㎠
-
50
-
uA
Dark Current
ID
VR=10V
-
50
-
nA
Capacitance
Ct
VR=10V, f=1MHz
-
10
-
pF
Spectral Sensitivity
Δλ
-
430 ~ 1,050
nm
Peak Sensitivity Wavelength
λP
-
-
940
-
nm
Half angle
θ1/2
-
-
±55
-
deg
*1. Ee : Irradiance by infrared LED light source(λp=940nm)


Similar Part No. - SPI5342-H

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
SPI5342-H KODENSHI-SPI5342-H Datasheet
149Kb / 4P
   Photo Diode
More results

Similar Description - SPI5342-H

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MTD7030 MARKTECH-MTD7030 Datasheet
67Kb / 2P
   PHOTO DIODE
logo
KODENSHI_AUK CORP.
SPI5842 KODENSHI-SPI5842 Datasheet
150Kb / 4P
   Photo Diode
logo
Marktech Corporate
MTD6100PT MARKTECH-MTD6100PT_15 Datasheet
561Kb / 3P
   Photo Diode
logo
Roithner LaserTechnik G...
EPD-365-0-1.4 ROITHNER-EPD-365-0-1.4 Datasheet
212Kb / 2P
   Photo diode
logo
Marktech Corporate
MTD1114M3B MARKTECH-MTD1114M3B_15 Datasheet
551Kb / 3P
   Photo Diode
MTD5010N MARKTECH-MTD5010N_15 Datasheet
640Kb / 3P
   Photo Diode
MTD3010PM MARKTECH-MTD3010PM_2 Datasheet
151Kb / 1P
   Photo Diode
logo
Renesas Technology Corp
NDL5461P RENESAS-NDL5461P Datasheet
193Kb / 10P
   PHOTO DIODE
1994
NDL5481P RENESAS-NDL5481P Datasheet
195Kb / 10P
   PHOTO DIODE
1994
NDL5506P RENESAS-NDL5506P Datasheet
185Kb / 1P
   PHOTO DIODE
1993
NDL5531P RENESAS-NDL5531P Datasheet
203Kb / 10P
   PHOTO DIODE
1996
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com