Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C0603JB1A103M030BA Datasheet(PDF) 1 Page - TDK Electronics

Part # C0603JB1A103M030BA
Description  Multilayer Ceramic Chip Capacitors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C0603JB1A103M030BA Datasheet(HTML) 1 Page - TDK Electronics

  C0603JB1A103M030BA_14 Datasheet HTML 1Page - TDK Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Commercial Grade ( General (Up to 50V) )
C0603 [EIA CC0201]
L
0.60mm +/-0.03mm
W
0.30mm +/-0.03mm
T
0.30mm +/-0.03mm
B
0.10mm Min.
G
0.20mm Min.
JB (-25 to 85 degC +/-10%)
1A (10Vdc)
10nF
M (+/-20%)
5% Max.
10Gohm Min.
Not Applicable
All specifications are subject to change without notice.
September 27, 2013
C0603JB1A103M030BA
TDK Item Description : C0603JB1A103MT****
Cap. vs. Freq. Characteristic
1
10
100
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|, ESR vs. Freq. Characteristics
0.01
0.1
1
10
100
1000
10000
100000
1000000
0.001
0.01
0.1
1
10
100
1000
Frequency/MHz
|Z|
ESR
DC Bias Characteristic
-30
-25
-20
-15
-10
-5
0
5
02
46
8
10
12
DC Bias/V
Temperature Characteristic
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
20
-40
-20
0
20
40
60
80
100
Temperature/degC
Temp.Chara.
TCBias(1/2Rated)
Ripple Temperature Rise Characteristic
0
2
4
6
8
10
12
0
0.05
0.1
0.15
0.2
0.25
Current/Arms
100kHz
500kHz
1MHz
Application & Main Feature
Series
Dimensions
Temperature Characteristic
Rated Voltage
Capacitance
Capacitance Tolerance
Dissipation Factor
Insulation Resitance
AEC-Q200


Similar Part No. - C0603JB1A103M030BA_14

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C0603JB1A103M030BA TDK-C0603JB1A103M030BA_16 Datasheet
138Kb / 1P
   Multilayer Ceramic Chip Capacitors
C0603JB1A103M030BA TDK-C0603JB1A103M030BA_17 Datasheet
232Kb / 3P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C0603JB1A103M030BA_14

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com