Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

1301230050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part No. 1301230050
Description  I-Beam Festoon Intermediate Car 605 PR, for 3.25 I-Beam, Urethane Wheels
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOLEX11 [Molex Electronics Ltd.]
Homepage  http://www.molex.com
Logo 

1301230050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
1301230050
Status:
Active
Overview:
Aero-Motive® Wire-Rope Festoon Systems
Description:
I-Beam Festoon Intermediate Car 605 PR, for 3.25" I-Beam, Urethane Wheels
Documents:
RoHS Certificate of Compliance (PDF)
General
Product Family
Festoons
Series
130123
Cable Height - Maximum
19.05mm (.750")
Cable Width - Maximum
98.00mm (3.858")
Combined Cable Weight-Max./Car
79.38kg (175.0 lb)
Component Type
Car - Intermediate
Depth
156.46mm (6.160")
Duty
Heavy
Height
282.00 (11.100")
Length
254.00mm (10.000")
Overview
Aero-Motive® Wire-Rope Festoon Systems
Product Name
Aero-Motive®
Type
I-Beam
UPC
78678863061
Woodhead
Yes
Physical
Beam Size
S4 - 101.60mm
Material - Coating
Powder Coating
Material - Metal
Steel
Net Weight
52.840/g
Number of Cars
1
Packaging Type
Individual Carton
Saddle Radius
79.50mm (3.130")
Thread Size
N/A
Wire/Cable Type
Flat
Material Info
Old Part Number
0605410
Series image - Reference only
EU ELV
Not Relevant
EU RoHS
China RoHS
Not Relevant
REACH SVHC
Not Reviewed
Halogen-Free
Status
Not Relevant
Need more information on product
environmental compliance?
Email productcompliance@molex.com
Please visit the Contact Us section for any
non-product compliance questions.
China ROHS
Not Relevant
ELV
Not Relevant
Search Parts in this Series
130123 Series
This document was generated on 10/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn