Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDX-GJS-I2 Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDX-GJS-I2
Description  Surface mount LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-GJS-I2 Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDX-GJS-I2 Datasheet HTML 1Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 2Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 3Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 4Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 5Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 6Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 7Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 8Page - DOMINANT Semiconductors DDX-GJS-I2 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
30/03/2012 V4.0
3
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
DDR; Red
DDO; Orange
DDY; Yellow
DDG; Green
Full
Full
W
X
Y
Z
Full
W
X
Y
Z
Full
W
X
Y
Z
620 - 635
600 - 612
600 - 603
603 - 606
606 - 609
609 - 612
582 - 594
582 - 585
585 - 588
588 - 591
591 - 594
564.50 - 576.50
564.50 - 567.50
567.50 - 570.50
570.50 - 573.50
573.50 - 576.50
GaP : DDx-GJS-I2
Optical Characteristics at Tj=25˚C
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DDX-GJS-I2

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDX-GJS-I1 DOMINANT-DDX-GJS-I1 Datasheet
778Kb / 13P
   Low current surface mount LED
More results

Similar Description - DDX-GJS-I2

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
SMD22 VCC-SMD22 Datasheet
23Kb / 1P
   SURFACE MOUNT LED MOUNT
logo
Marktech Corporate
TLGE1005B MARKTECH-TLGE1005B Datasheet
81Kb / 3P
   Surface Mount LED
TLPGE1005B MARKTECH-TLPGE1005B Datasheet
80Kb / 3P
   Surface Mount LED
logo
Dialight Corporation
597-3XX1-1XX DIALIGHT-597-3XX1-1XX Datasheet
21Kb / 1P
   Surface Mount LED
597-3XX1-2XX DIALIGHT-597-3XX1-2XX Datasheet
28Kb / 2P
   Surface Mount LED
logo
Visual Communications C...
CMDA2 VCC-CMDA2 Datasheet
571Kb / 1P
   Surface Mount LED
logo
Seoul Semiconductor
KWT803-S SEOUL-KWT803-S Datasheet
649Kb / 14P
   surface-mount LED
MWT801-S SEOUL-MWT801-S Datasheet
318Kb / 13P
   surface-mount LED
USBT801 SEOUL-USBT801 Datasheet
490Kb / 12P
   surface-mount LED
AWT801-S SEOUL-AWT801-S Datasheet
651Kb / 16P
   surface-mount LED
CFT732-S SEOUL-CFT732-S Datasheet
924Kb / 22P
   surface-mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com