Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDX-GJS-I1 Datasheet(PDF) 5 Page - DOMINANT Semiconductors

Part # DDX-GJS-I1
Description  Low current surface mount LED
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDX-GJS-I1 Datasheet(HTML) 5 Page - DOMINANT Semiconductors

  DDX-GJS-I1 Datasheet HTML 1Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 2Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 3Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 4Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 5Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 6Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 7Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 8Page - DOMINANT Semiconductors DDX-GJS-I1 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
31/05/2010 V5.0
5
Gap : DDx-GJS-I1
Radiation Pattern
Luminous Intensity Group at Tj=25˚C
Relative Luminous Intensity Vs Forward Current
Forward Current, mA
0
5
10
15
20
25
30
0
0.5
1
1.5
2
2.5
3
3.5
4
Forward Current Vs Forward Voltage
Forward Voltage, V
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
0
5
10
15
20
25
30
35
Maximum Current Vs Temperature
Ambient Temperature
0
10 20 30 40 50 60 70 80 90 100
0
5
10
15
20
25
30
35
Relative Intensity Vs Wavelength
Wavelength; nm
500
550
600
650
700
750
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Pure
Green
Green
Yellow
Orange
Red
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - DDX-GJS-I1

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDX-GJS-I2 DOMINANT-DDX-GJS-I2 Datasheet
988Kb / 13P
   Surface mount LED
More results

Similar Description - DDX-GJS-I1

ManufacturerPart #DatasheetDescription
logo
Dialight Corporation
591-2004002-F DIALIGHT-591-2004002-F Datasheet
686Kb / 2P
   2mA Low Current Surface Mount LED ROUND OR SQUARE LENS
logo
Diodes Incorporated
DDZ9691Q-13 DIODES-DDZ9691Q-13 Datasheet
132Kb / 4P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678 DIODES-DDZ9678_15 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678 DIODES-DDZ9678_17 Datasheet
343Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
DDZ9678-7 DIODES-DDZ9678-7 Datasheet
285Kb / 7P
   SURFACE MOUNT LOW CURRENT ZENER DIODE
logo
Sanken electric
SI-3010KD SANKEN-SI-3010KD Datasheet
67Kb / 3P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3025KS SANKEN-SI-3025KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033KS SANKEN-SI-3033KS Datasheet
56Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3033LSA SANKEN-SI-3033LSA Datasheet
53Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
SI-3012LU SANKEN-SI-3012LU Datasheet
52Kb / 2P
   Surface-Mount, Low Current Consumption, Low Dropout Voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com