Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D6RTB-HJD-PCN Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part # D6RTB-HJD-PCN
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

D6RTB-HJD-PCN Datasheet(HTML) 11 Page - DOMINANT Semiconductors

Back Button D6RTB-HJD-PCN Datasheet HTML 6Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 7Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 8Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 9Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 10Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 11Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 12Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 13Page - DOMINANT Semiconductors D6RTB-HJD-PCN Datasheet HTML 14Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
04/05/2010 V(7)
11
Packaging Specification
Average 1pc DomiLED/Multi DomiLED
1 completed bag (1000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
50 reels MAX
Small
Large
For Multi DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
15,000 MAX
50,000 MAX
Weight (gram)
0.034
100 ± 10
D6RTB-HJD
DOMINANT TM
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
DOMINANT
ROHS Compliant
PB Free
Label
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - D6RTB-HJD-PCN

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-HJD-TU+UV+RS-1 DOMINANT-D6RTB-HJD-TU+UV+RS-1 Datasheet
1Mb / 14P
   Multi DomiLED
D6RTB-HJD-TU+UV+ST-1 DOMINANT-D6RTB-HJD-TU+UV+ST-1 Datasheet
1Mb / 14P
   Multi DomiLED
More results

Similar Description - D6RTB-HJD-PCN

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
D6RTB-PJG-PCN DOMINANT-D6RTB-PJG-PCN Datasheet
1Mb / 14P
   High brightness tri-color surface mount LED
D6RTB-DJD-PCN DOMINANT-D6RTB-DJD-PCN Datasheet
854Kb / 14P
   High brightness tri-color surface mount LED
DMRTB-UJB-ST3-UV3-RS3-1 DOMINANT-DMRTB-UJB-ST3-UV3-RS3-1 Datasheet
878Kb / 14P
   High brightness tri-color surface mount LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMRTB-CJB BRIGHT-BL-PMRTB-CJB Datasheet
634Kb / 8P
   High brightness tri-color surface mount LED.
logo
DOMINANT Semiconductors
DBRTB-DJB DOMINANT-DBRTB-DJB Datasheet
926Kb / 13P
   High brightness tri-color surface mount LED
logo
BRIGHT LED ELECTRONICS ...
BL-PMSGB-GJB BRIGHT-BL-PMSGB-GJB Datasheet
154Kb / 5P
   Low brightness tri-color surface mount LED.
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
logo
DOMINANT Semiconductors
DMHG-GJ DOMINANT-DMHG-GJ Datasheet
871Kb / 12P
   High brightness bi-color surface mount LED
DKXX-NJS DOMINANT-DKXX-NJS Datasheet
1Mb / 12P
   High brightness bi-color surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com