Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D6RTB-DJD-PCN Datasheet(PDF) 2 Page - DOMINANT Semiconductors

Part No. D6RTB-DJD-PCN
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DOMINANT [DOMINANT Semiconductors]
Homepage  http://www.dominant-semi.com
Logo 

D6RTB-DJD-PCN Datasheet(HTML) 2 Page - DOMINANT Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
True Green
525nm
True Green
525nm
D6RTB-DJD-TU+WX+TU-1
D6RTB-DJD-TU+UV+RS-1
16/12/2013 V6.0
2
D6RTB-DJD
Red
625nm
Red
625nm
Part Ordering
Number
Color, λdom (nm)
Chip #1 Chip #2
NOTE:
1. Reel comes in a quantity of 1000 units per reel.
2. Luminous intensity is measured with an accuracy of ± 11%.
3. All electrical and optical data are measured at room temperature; Ta = 25
˚C.
Chip #3
Blue
460nm
Blue
460nm
Max. (V)
Typ. (V)
Vf @ If = 20mA
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Electrical Characteristics at Tj=25˚C
Red
True Green
Blue
2.10
3.10
3.10
2.60
3.50
3.50
Min. (V)
2.00
2.80
2.80
DOMINANT
Opto Technologies
Innovating Illumination
TM
Optical Characteristics at Tj=25˚C
Luminous Intensity @ If = 20mA IV (mcd)
Chip #1
Chip #2
Chip #3
Min. Typ. Max. Min. Typ. Max.
Min. Typ. Max.
320.0
320.0
450.0
450.0
637.0
637.0
1400.0
715.0
1800.0
1012.0
2500.0
1400.0
254.0
126.0
450.0
254.0
355.0
180.0
Unit
Absolute Maximum Ratings
Maximum Value
DC forward current
Peak pulse current; (tp ≤ 10µs, Duty cycle = 0.005)
Reverse voltage
ESD threshold (HBM)
LED junction temperature
Operating temperature
Storage temperature
Thermal resistance junction/ambient (3 chips on)
Red, Rth JA
Blue & True Green, Rth JA
Red; AlInGaP=30;
True Green, Blue; InGaN=25
Red ; AlInGaP=500;
True Green, Blue; InGaN=200
Red; AlInGaP=12;
True Green, Blue; InGaN= Not Designed
2000
125
-40 … +100
-40 … +100
500
600
mA
mA
V
V
˚C
˚C
˚C
K/W
K/W
Not for new design


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn