Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D6RTB-DJD-PCN Datasheet(PDF) 11 Page - DOMINANT Semiconductors

Part No. D6RTB-DJD-PCN
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DOMINANT [DOMINANT Semiconductors]
Homepage  http://www.dominant-semi.com
Logo 

D6RTB-DJD-PCN Datasheet(HTML) 11 Page - DOMINANT Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
16/12/2013 V6.0
11
Packaging Specification
Average 1pc DomiLED/Multi DomiLED
1 completed bag (1000pcs)
0.034
190 ± 10
Weight (gram)
Cardboard
Box
Dimensions (mm)
Empty Box
Weight (kg)
300 x 250 x 250
416 x 516 x 476
15 reels MAX
50 reels MAX
Small
Large
For Multi DomiLEDTM
Reel / Box
Quantity / Box (pcs)
Cardboard Box
Size
0.58
1.74
15,000 MAX
50,000 MAX
Weight (gram)
0.034
100 ± 10
D6RTB-DJD
DOMINANT TM
DOMINANT
Opto Technologies
Innovating Illumination
TM
D/C: date code
S/N : serial no
GROUP : group
QTY : product quantity per reel
PART NO : partno
LOT NO : lotno
Moisture sensitivity level
Moisture absorbent material +
Moisture indicator
The reel, moisture absorbent material and moisture indicator are
sealed inside the moisture proof foil bag
Reel
Barcode label
DOMINANT
ROHS Compliant
PB Free
Label


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn