Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D6RTB-DJD-PCN Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part No. D6RTB-DJD-PCN
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DOMINANT [DOMINANT Semiconductors]
Homepage  http://www.dominant-semi.com
Logo 

D6RTB-DJD-PCN Datasheet(HTML) 1 Page - DOMINANT Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
16/12/2013 V6.0
1
Features:
> High brightness tri-color surface mount LED.
> Each color can be individually controlled
> 120° viewing angle.
> Small package outline (LxWxH) of 3.2 x 3.0 x 1.7mm.
> Qualified according to JEDEC moisture sensitivity Level 2.
> Compatible to IR reflow soldering.
> Environmental friendly; RoHS compliance.
Multi DomiLEDTM
Synonymous with function and performance, the Multi DomiLED
TM series
is perfectly suited for a variety of cross-industrial applications due to its
small package outline, durability and superior brightness.
DATA SHEET
Multi DomiLEDTM
D6RTB-DJD
© 2005 DomiLED is a trademark of DOMINANT Opto Technologies.
All rights reserved. Product specifications are subject to change without notice.
Applications:
> Signs: full color video
> Consumer & Communication: backlighting of LCDs
> General Lighting: architectural lighting, decorative lighting
DOMINANT
Opto Technologies
Innovating Illumination
TM
Carrier Tape Change for all PLCC6 D6RTB
Product Change Notice issued on 01 Aug 2015.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn