Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D6RTB-DJD-PCN Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part No. D6RTB-DJD-PCN
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

D6RTB-DJD-PCN Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button D6RTB-DJD-PCN Datasheet HTML 2Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 3Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 4Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 5Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 6Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 7Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 8Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 9Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Relative Intensity vs Wavelength
Wavelength, nm
400 450 500 550 600 650 700 750 800
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
Maximum Permissible Forward Current
Ambient Temperature
0
20
40
60
80
100
0
10
20
30
40
Allowable Forward Current Vs Duty Ratio
Duty Ratio (%)
1
10
100
10
100
1000
0.2
70°
90°
80°
0
60°
50°
40°
30°
20°
0.6
0.4
1.0
0.8
10°
Radiation Pattern
D6RTB-DJD
16/12/2013 V6.0
6
Red
True
Green
Blue
Red
True Green & Blue
Red
True Green & Blue
DOMINANT
Opto Technologies
Innovating Illumination
TM


Similar Part No. - D6RTB-DJD-PCN

ManufacturerPart No.DatasheetDescription
DOMINANT Semiconductors
DOMINANT Semiconductors
D6RTB-DJD-T3U3R3 DOMINANT-D6RTB-DJD-T3U3R3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-T3U3S3 DOMINANT-D6RTB-DJD-T3U3S3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-T3V3R3 DOMINANT-D6RTB-DJD-T3V3R3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-T3V3S3 DOMINANT-D6RTB-DJD-T3V3S3 Datasheet
674Kb / 13P
   Multi LED
D6RTB-DJD-TU+UV+RS DOMINANT-D6RTB-DJD-TU+UV+RS Datasheet
674Kb / 13P
   Multi LED
More results

Similar Description - D6RTB-DJD-PCN

ManufacturerPart No.DatasheetDescription
DOMINANT Semiconductors
DOMINANT Semiconductors
D6RTB-PJG-PCN DOMINANT-D6RTB-PJG-PCN Datasheet
1Mb / 14P
   High brightness tri-color surface mount LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BL-PMRTB-CJB BRIGHT-BL-PMRTB-CJB Datasheet
634Kb / 8P
   High brightness tri-color surface mount LED.
DOMINANT Semiconductors
DOMINANT Semiconductors
DBRTB-DJB DOMINANT-DBRTB-DJB Datasheet
926Kb / 13P
   High brightness tri-color surface mount LED
DMRTB-UJB-ST3-UV3-RS3-1 DOMINANT-DMRTB-UJB-ST3-UV3-RS3-1 Datasheet
878Kb / 14P
   High brightness tri-color surface mount LED
D6RTB-HJD-PCN DOMINANT-D6RTB-HJD-PCN Datasheet
821Kb / 14P
   High brightness tri-color surface mount LED
BRIGHT LED ELECTRONICS CORP
BRIGHT LED ELECTRONICS ...
BL-PMSGB-GJB BRIGHT-BL-PMSGB-GJB Datasheet
154Kb / 5P
   Low brightness tri-color surface mount LED.
BL-PMRTB-SJB BRIGHT-BL-PMRTB-SJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
BL-PMRTB-UJB BRIGHT-BL-PMRTB-UJB Datasheet
253Kb / 7P
   Multi DOMILED High brightness tri-color surface mount LED.
DOMINANT Semiconductors
DOMINANT Semiconductors
DMHG-GJ DOMINANT-DMHG-GJ Datasheet
871Kb / 12P
   High brightness bi-color surface mount LED
Rohm
Rohm
SMLV56 ROHM-SMLV56_11 Datasheet
1Mb / 4P
   High Brightness Tri-Color LEDs
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz