Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D6RTB-DJD-PCN Datasheet(PDF) 4 Page - DOMINANT Semiconductors

Part No. D6RTB-DJD-PCN
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  DOMINANT [DOMINANT Semiconductors]
Homepage  http://www.dominant-semi.com
Logo 

D6RTB-DJD-PCN Datasheet(HTML) 4 Page - DOMINANT Semiconductors

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
16/12/2013 V6.0
4
D6RTB-DJD
DOMINANT
Opto Technologies
Innovating Illumination
TM
Min
Dominant wavelength is measured with an accuracy of ±1nm.
Correlation Between Luminous Intensity And Luminous Flux
Min
Color
Red
True Green
Blue
320
450
715
1012
1400
1800
126
180
254
355
0.80
1.13
1.79
2.53
3.50
4.50
0.32
0.45
0.64
0.89
Max
Max
IV Bin
Luminous Intensity (mcd)
Correlated Luminous Flux (lm)
450
637
1012
1400
1800
2500
180
254
355
450
1.13
1.59
2.53
3.50
4.50
6.25
0.45
0.64
0.89
1.13
T3
U3
U3
V3
W3
X3
R3
S3
T3
U3


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn