Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

D6RTB-DJD-PCN Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part No. D6RTB-DJD-PCN
Description  High brightness tri-color surface mount LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

D6RTB-DJD-PCN Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  D6RTB-DJD-PCN Datasheet HTML 1Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 2Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 3Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 4Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 5Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 6Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 7Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 8Page - DOMINANT Semiconductors D6RTB-DJD-PCN Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
16/12/2013 V6.0
3
D6RTB-DJD
Group
Dominant wavelength is measured with an accuracy of ±1nm.
Wavelength Grouping
Wavelength distribution (nm)
Color
Red
True Green
Blue
Full
Full
A
B
C
Full
A
B
620 - 630
521 - 536
521 - 526
526 - 531
531 - 536
460 - 470
460 - 465
465 - 470
DOMINANT
Opto Technologies
Innovating Illumination
TM
Only one IV group is allowed for each chip within reel.
T3U3R3
T3U3S3
T3V3R3
T3V3S3
U3U3R3
U3U3S3
U3V3R3
U3V3S3
T3W3T3
T3W3U3
T3X3T3
T3X3U3
U3W3T3
U3W3U3
U3X3T3
U3X3U3
320.0 ... 450.0
320.0 ... 450.0
320.0 ... 450.0
320.0 ... 450.0
450.0 ... 637.0
450.0 ... 637.0
450.0 ... 637.0
450.0 ... 637.0
320.0 ... 450.0
320.0 ... 450.0
320.0 ... 450.0
320.0 ... 450.0
450.0 ... 637.0
450.0 ... 637.0
450.0 ... 637.0
450.0 ... 637.0
Brightness Group
Luminous Intensity IV (mcd)
Luminous Intensity Group at Tj=25˚C
Chip #1
Chip #3
126.0 ... 180.0
180.0 ... 254.0
126.0 ... 180.0
180.0 ... 254.0
126.0 ... 180.0
180.0 ... 254.0
126.0 ... 180.0
180.0 ... 254.0
254.0 ... 355.0
355.0 ... 450.0
254.0 ... 355.0
355.0 ... 450.0
254.0 ... 355.0
355.0 ... 450.0
254.0 ... 355.0
355.0 ... 450.0
Luminous intensity is measured with an accuracy of ± 11%.
715.0 ... 1012.0
715.0 ... 1012.0
1012.0 ... 1400.0
1012.0 ... 1400.0
715.0 ... 1012.0
715.0 ... 1012.0
1012.0 ... 1400.0
1012.0 ... 1400.0
1400.0 ... 1800.0
1400.0 ... 1800.0
1800.0 ... 2500.0
1800.0 ... 2500.0
1400.0 ... 1800.0
1400.0 ... 1800.0
1800.0 ... 2500.0
1800.0 ... 2500.0
Chip #2


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn