Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R1J-250I1H2A0 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # R1J-250I1H2A0
Description  250W250W Redundant Power Supply
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

R1J-250I1H2A0 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  R1J-250I1H2A0 Datasheet HTML 1Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 2Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 3Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 4Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 5Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 6Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 7Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 8Page - List of Unclassifed Manufacturers R1J-250I1H2A0 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
1. 概述 General Description
This specification describes the performance characteristics of a 250 watts hot swappable, 1+1
power system with +3.3V,+5V,+12V, -12V main DC outputs, and 5V standby outputs. The
system is configured to hold two identical 250W power supply modules,
SURE STAR Model
R1J-250I1H2A0.
2. 輸入規格 Input Characteristics
2.1. 交流輸入電壓和頻率範圍 AC Input voltage and frequency
最小值
Minimum
正常值
Nominal
最大值
Maximum
單位
Unit
90
100~240
264
伏特 VAC
47
50~60
63
赫茲 Hz
2.2. 輸入電流與浪湧電流 Input current and inrush current
交流輸入電壓
AC Input Voltage
最大輸入電流
MAX. Input Current
per power supply module
浪湧電流
Inrush Current
per power supply module
115Vac
7A
25A
230Vac
3A
50A
2.3. 功率因數 Power Factor
90Vac
115Vac
230Vac
264Vac
>0.99
>0.98
>0.95
>0.92
3. 效率 Power Efficiency
在滿載狀態,220 伏特 60 赫茲輸入下,電源效率為 82%(Min)。
The Minimum efficiency of the power supply is 82% at full load and 220Vac/60HZ input.
SURE STAR
SURE STAR


Similar Part No. - R1J-250I1H2A0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
R1J-300I1H2A0 ETC2-R1J-300I1H2A0 Datasheet
734Kb / 12P
   300W300W Redundant Power Supply
R1J-350I1H2A0 ETC2-R1J-350I1H2A0 Datasheet
734Kb / 12P
   350W350W Redundant Power Supply
R1J-400I1H2A0 ETC2-R1J-400I1H2A0 Datasheet
735Kb / 12P
   400W400W Redundant Power Supply
More results

Similar Description - R1J-250I1H2A0

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EFRD-S2257HPM ETC2-EFRD-S2257HPM Datasheet
467Kb / 2P
   DC To DC 250W ERP1U Redundant Power Supply
logo
Tumbler Technologies + ...
TIPC250-FXG TRUMPOWER-TIPC250-FXG Datasheet
176Kb / 1P
   250W FlexATX IPC Power Supply
logo
Total Power Internation...
Q-250 TOTAL-POWER-Q-250 Datasheet
352Kb / 2P
   250W Quad Output Power Supply
logo
Mean Well Enterprises C...
Q-250 MEANWELL-Q-250 Datasheet
808Kb / 3P
   250W Quad Output Power Supply
logo
List of Unclassifed Man...
EFRD-S257 ETC2-EFRD-S257 Datasheet
294Kb / 2P
   DC To DC 250W ERP1U Redundant Power Module
logo
Tumbler Technologies + ...
TIPC250-1UB TRUMPOWER-TIPC250-1UB Datasheet
133Kb / 1P
   250W 1U ATX12V IPC Power Supply
logo
Voltage Multipliers Inc...
HVP050P5000 VMI-HVP050P5000 Datasheet
142Kb / 2P
   High Voltage Power Supply - 250W Series
logo
Tumbler Technologies + ...
TIPC250-1UG TRUMPOWER-TIPC250-1UG Datasheet
197Kb / 1P
   250W 1U ATX12V IPC Power Supply
logo
List of Unclassifed Man...
EFAP-S250 ETC2-EFAP-S250 Datasheet
296Kb / 2P
   Flex ATX 250W Server Power Supply
logo
Mean Well Enterprises C...
S-250 MEANWELL-S-250_09 Datasheet
341Kb / 2P
   250W Single Output Switching Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com