Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1C-550C1 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M1C-550C1
Description  550W Power Supply for 1U Easy Swap
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1C-550C1 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M1C-550C1 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1C-550C1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Issued Date : 11/15/2012
SPECIFICATION
產品規格書
產品規格書
產品規格書
產品規格書
產品名稱
產品名稱
產品名稱
產品名稱 / Model Name:
:M1C-550C1
產品描述
產品描述
產品描述
產品描述 / Description:
:550W Power Supply for 1U Easy Swap – 62Pins.
3 outputs (+12V, -12, 5VSB)
版本
版本
版本
版本 / Revision:
:1.1
修改紀錄
修改紀錄
修改紀錄
修改紀錄 / Revision History
版本
版本
版本
版本
Rev.
日期
日期
日期
日期
Date
版本描述
版本描述
版本描述
版本描述
Revision Description
修改者
修改者
修改者
修改者
Modify By
客戶認可
客戶認可
客戶認可
客戶認可
Cust. Approval
認可日期
認可日期
認可日期
認可日期
App. Date
1.0
Aug. .08, 2011
Modified the circuit for DC-DC backplane
Kevin Chen
Aug.10, 2011
1.1
Nov. 15, 2012
Add the 80PLUS/LN stick and description.
Mindy Chung
Nov. 16, 2012
提交 / Prepared BY
檢查 / Checked BY
批准 / Approved BY
KEVIN
JACKY
SURE STAR
SURE STAR


Similar Part No. - M1C-550C1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550B1 ETC2-M1C-550B1 Datasheet
254Kb / 11P
   550W Power Supply for 1U Easy Swap
More results

Similar Description - M1C-550C1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1D-550D1 ETC2-M1D-550D1 Datasheet
292Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550B1 ETC2-M1C-550B1 Datasheet
254Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-650D1 ETC2-M1D-650D1 Datasheet
292Kb / 11P
   650W Power Supply for 1U Easy Swap
M1C-460B1 ETC2-M1C-460B1 Datasheet
235Kb / 11P
   460W Power Supply for 1U Easy Swap
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com