Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1C-550B1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # M1C-550B1
Description  550W Power Supply for 1U Easy Swap
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1C-550B1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  M1C-550B1 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1C-550B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
1. 概述
概述
概述
概述 General Description
This specification describes the performance characteristics of a 550 watts easy swappable,
power system with +5V1, +5V2, +12V main DC outputs, and 5V standby outputs.
SURE STAR Model M1C-550B1.
2. 輸入規格
輸入規格
輸入規格
輸入規格 Input Characteristics
2.1. 交流輸入電壓和頻率範圍 AC Input voltage and frequency
最小值
Minimum
正常值
Nominal
最大值
Maximum
單位
Unit
90
100~240
264
伏特 VAC
47
50~60
63
赫茲 Hz
2.2. 輸入電流與浪湧電流 Input current and inrush current
交流輸入電壓
AC Input Voltage
最大輸入電流
MAX. Input Current
per power supply module
浪湧電流
Inrush Current
per power supply module
115Vac
10A
25A
230Vac
5A
50A
2.3. 功率因數 Power Factor
90Vac
115Vac
230Vac
264Vac
>0.99
>0.98
>0.95
>0.92
3. 效率
效率
效率
效率 Power Efficiency
在滿載狀態,115 伏特 60 赫茲輸入下,電源效率為 80%(Min)。
The Minimum efficiency of the power supply is 80% at full load and 1150Vac/60HZ input.
SURE STAR
SURE STAR


Similar Part No. - M1C-550B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
More results

Similar Description - M1C-550B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
M1D-550D1 ETC2-M1D-550D1 Datasheet
292Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-650D1 ETC2-M1D-650D1 Datasheet
292Kb / 11P
   650W Power Supply for 1U Easy Swap
M1C-460B1 ETC2-M1C-460B1 Datasheet
235Kb / 11P
   460W Power Supply for 1U Easy Swap
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com