Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M1C-460B1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # M1C-460B1
Description  460W Power Supply for 1U Easy Swap
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M1C-460B1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  M1C-460B1 Datasheet HTML 1Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 2Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 3Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 4Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 5Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 6Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 7Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 8Page - List of Unclassifed Manufacturers M1C-460B1 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
目錄 Contents
1. 概述
概述
概述
概述 General Description
2. 輸入規格
輸入規格
輸入規格
輸入規格 Input Characteristics
2.1. 交流輸入電壓和頻率範圍 AC Input voltage and frequency
2.2. 輸入電流與浪湧電流 Input current and inrush current
2.3. 功率因數 POWER FACTOR
3. 效率
效率
效率
效率 Power Efficiency
4. 輸出規格
輸出規格
輸出規格
輸出規格 Output Characteristics
4.1. 輸出電壓電流調整率 Output Voltage & Current Regulation
4.2. 輸出紋波和噪音 DC Output Ripple & Noise
4.3. 輸出保持時間 Hold Up Time
4.4. 上升時間 Rise Time
4.5. 動態響應時間 Dynamic load response time
4.6. 遠端開關控制 Remote on/off control
5. 電源良好信號
電源良好信號
電源良好信號
電源良好信號 Power good signal
6.
保護
保護
保護
保護 PROTECTION
6.1. 過壓保護 Over voltage protection
6.2. 低壓保護 Under-voltage protection
6.3. 過流保護 Over current Protection
6.4. 短路保護 Short circuit protection
7. 電源信號狀態
電源信號狀態
電源信號狀態
電源信號狀態 Power System Signal status
7.1. 蜂鳴器狀態 Buzzer status
7.2. 燈號指示 LED indicators
7.3. TTL信號 TTL signal
8. 負載均流
負載均流
負載均流
負載均流 Load sharing
SURE STAR
SURE STAR


Similar Part No. - M1C-460B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-460A1 ETC2-M1C-460A1 Datasheet
237Kb / 11P
   460W Power Supply for Easy Swap
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
More results

Similar Description - M1C-460B1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
M1C-460C1 ETC2-M1C-460C1 Datasheet
234Kb / 11P
   460W Power Supply for 1U Easy Swap
M1D-460D1 ETC2-M1D-460D1 Datasheet
292Kb / 11P
   460W Power Supply for 1U Easy Swap
M1C-460A1 ETC2-M1C-460A1 Datasheet
237Kb / 11P
   460W Power Supply for Easy Swap
M1C-550A1 ETC2-M1C-550A1 Datasheet
256Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-600B1 ETC2-M1C-600B1 Datasheet
235Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-700D1 ETC2-M1D-700D1 Datasheet
274Kb / 11P
   700W Power Supply for 1U Easy Swap
M1C-550C1 ETC2-M1C-550C1 Datasheet
252Kb / 11P
   550W Power Supply for 1U Easy Swap
M1C-600C1 ETC2-M1C-600C1 Datasheet
234Kb / 11P
   600W Power Supply for 1U Easy Swap
M1D-650D1 ETC2-M1D-650D1 Datasheet
292Kb / 11P
   650W Power Supply for 1U Easy Swap
M1D-500D1 ETC2-M1D-500D1 Datasheet
273Kb / 11P
   500W Power Supply for 1U Easy Swap
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com