Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTLTD7900NR2G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTLTD7900NR2G
Description  N?묬hannel Enhancement?묺ode Silicon Gate
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTLTD7900NR2G Datasheet(HTML) 3 Page - ON Semiconductor

  NTLTD7900NR2G Datasheet HTML 1Page - ON Semiconductor NTLTD7900NR2G Datasheet HTML 2Page - ON Semiconductor NTLTD7900NR2G Datasheet HTML 3Page - ON Semiconductor NTLTD7900NR2G Datasheet HTML 4Page - ON Semiconductor NTLTD7900NR2G Datasheet HTML 5Page - ON Semiconductor NTLTD7900NR2G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NTLTD7900N
http://onsemi.com
3
TYPICAL ELECTRICAL CHARACTERISTICS
0
5
10
15
20
25
30
01
23
4
5
VGS = 2 V
1.7 V
1.4 V
TJ = 25°C
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
2.5 V
3.5 V
4.5 V
Figure 1. On−Region Characteristics
TJ = 125°C
TJ = −55°C
TJ = 25°C
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 2. Transfer Characteristics
VDS ≥ 10 V
0.07
0.01
0.02
0.03
0.04
12
3
4
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance versus Gate Voltage
T = 25
°C
ID = 8.5 A
0
0.01
0.02
0.03
0.04
510
15
20
25
30
Figure 4. On−Resistance versus Drain Current
and Gate Voltage
VGS = 4.5 V
VGS = 2.5 V
TJ = 25°C
ID, DRAIN CURRENT (A)
0.6
0.8
1
1.2
1.6
−50
−25
0
25
50
75
100
125
150
TJ, TEMPERATURE (°C)
Figure 5. On−Resistance Variation with
Temperature
ID = 8.5 A
VGS = 4.5 V
100
1000
10000
100000
0
5
10
15
20
VGS = 0 V
TJ = 125°C
TJ = 150°C
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
Figure 6. Drain−to−Source Leakage Current
versus Voltage
0.05
0.06
0
0
5
10
15
20
25
30
01
23
1.1 V
1.4


Similar Part No. - NTLTD7900NR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2 Datasheet
177Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
March, 2006 ??Rev. 6
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2 Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
NTLTD7900ZR2G ONSEMI-NTLTD7900ZR2G Datasheet
177Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
March, 2006 ??Rev. 6
NTLTD7900ZR2G ONSEMI-NTLTD7900ZR2G Datasheet
340Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8??Leadless
October, 2009 -- Rev. 7
NTLTD7900ZR2 ONSEMI-NTLTD7900ZR2_06 Datasheet
177Kb / 8P
   Power MOSFET 9 A, 20 V, Logic Level, N-Channel Micro8 TM Leadless
March, 2006 ??Rev. 6
More results

Similar Description - NTLTD7900NR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MTP10N40E ONSEMI-MTP10N40E Datasheet
234Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTP2N40E ONSEMI-MTP2N40E Datasheet
213Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 1
MTD6N15T4G ONSEMI-MTD6N15T4G Datasheet
125Kb / 6P
   N?묬hannel Enhancement?묺ode Silicon Gate
May, 2013 ??Rev. 5
IRF530 ONSEMI-IRF530 Datasheet
192Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
MTP3N50E ONSEMI-MTP3N50E Datasheet
236Kb / 8P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
NTP22N06 ONSEMI-NTP22N06 Datasheet
200Kb / 7P
   N?묬hannel Enhancement?묺ode Silicon Gate
August, 2006 ??Rev. 2
NTB35N15T4G ONSEMI-NTB35N15T4G Datasheet
86Kb / 8P
   N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 5
NTP30N20G ONSEMI-NTP30N20G Datasheet
164Kb / 7P
   N?묬hannel Enhancement?묺ode TO??20
March, 2006 ??Rev. 5
NTMS4P01R2 ONSEMI-NTMS4P01R2 Datasheet
232Kb / 8P
   P?묬hannel Enhancement?묺ode Power MOSFET
August, 2006 ??Rev. 1
NTB13N10T4G ONSEMI-NTB13N10T4G Datasheet
83Kb / 8P
   100 V, 13 A, N?묬hannel Enhancement?묺ode D2PAK
August, 2005 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com