Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTGF3123PT1G Datasheet(PDF) 3 Page - ON Semiconductor

Part # NTGF3123PT1G
Description  Power MOSFET Single N?묬hannel
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NTGF3123PT1G Datasheet(HTML) 3 Page - ON Semiconductor

  NTGF3123PT1G Datasheet HTML 1Page - ON Semiconductor NTGF3123PT1G Datasheet HTML 2Page - ON Semiconductor NTGF3123PT1G Datasheet HTML 3Page - ON Semiconductor NTGF3123PT1G Datasheet HTML 4Page - ON Semiconductor NTGF3123PT1G Datasheet HTML 5Page - ON Semiconductor NTGF3123PT1G Datasheet HTML 6Page - ON Semiconductor NTGF3123PT1G Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
NTGF3123P
http://onsemi.com
3
MOSFET ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Unit
Max
Typ
Min
Test Conditions
Symbol
SWITCHING CHARACTERISTICS (Note 6)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDD = 10 V,
ID = 1.0 A, RG = 6.0 W
6.7
ns
Rise Time
tr
12.7
Turn−Off Delay Time
td(OFF)
13.2
Fall Time
tf
11
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Recovery Voltage
VSD
VGS = 0 V, IS = −0.8 A
TJ = 25°C
−0.8
−1.2
V
TJ = 125°C
−0.6
Reverse Recovery Time
tRR
VGS = 0 V, dISD/dt = 100 A/ms,
IS = −1.0 A
7.4
ns
Charge Time
ta
4.8
Discharge Time
tb
2.6
Reverse Recovery Time
QRR
2.4
nC
6. Switching characteristics are independent of operating junction temperatures.
SCHOTTKY DIODE ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Maximum Instantaneous
Forward Voltage
VF
IF = 0.5 A
0.35
0.4
V
IF = 1.0 A
0.4
0.45
Maximum Instantaneous
Reverse Current
IR
VR = 10 V
15.7
200
mA
VR = 20 V
29.6
400


Similar Part No. - NTGF3123PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTGF3123F ONSEMI-NTGF3123F Datasheet
1Mb / 20P
   High Efficiency DC-DC Converters
Rev.2, Jun-2006
More results

Similar Description - NTGF3123PT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com