Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NDD02N40T4G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NDD02N40T4G
Description  N-Channel Power MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NDD02N40T4G Datasheet(HTML) 1 Page - ON Semiconductor

  NDD02N40T4G Datasheet HTML 1Page - ON Semiconductor NDD02N40T4G Datasheet HTML 2Page - ON Semiconductor NDD02N40T4G Datasheet HTML 3Page - ON Semiconductor NDD02N40T4G Datasheet HTML 4Page - ON Semiconductor NDD02N40T4G Datasheet HTML 5Page - ON Semiconductor NDD02N40T4G Datasheet HTML 6Page - ON Semiconductor NDD02N40T4G Datasheet HTML 7Page - ON Semiconductor NDD02N40T4G Datasheet HTML 8Page - ON Semiconductor NDD02N40T4G Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
© Semiconductor Components Industries, LLC, 2014
July, 2014 − Rev. 4
1
Publication Order Number:
NDD02N40/D
NDD02N40, NDT02N40
N-Channel Power MOSFET
400 V, 5.5 W
Features
100% Avalanche Tested
These Devices are Pb-Free, Halogen Free/BFR Free and are RoHS
Compliant
ABSOLUTE MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
NDD
NDT
Unit
Drain−to−Source Voltage
VDSS
400
V
Gate−to−Source Voltage
VGS
±20
V
Continuous Drain Current RqJC
Steady State, TC = 25°C (Note 1)
ID
1.7
0.4
A
Continuous Drain Current RqJC
Steady State, TC = 100°C (Note 1)
ID
1.1
0.25
A
Power Dissipation – RqJC
Steady State, TC = 25°C
PD
39
2.0
W
Pulsed Drain Current
IDM
6.9
1.6
A
Continuous Source Current (Body
Diode)
IS
1.7
0.4
A
Single Pulse Drain−to−Source
Avalanche Energy, ID = 1 A
EAS
120
mJ
Maximum Temperature for Soldering
Leads
TL
260
°C
Operating Junction and Storage
Temperature
TJ, TSTG
−55 to +150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. Limited by maximum junction temperature
2. IS = 1.7 A, di/dt ≤ 100 A/ms, VDD ≤ BVDSS, TJ = +150°C
THERMAL RESISTANCE
Parameter
Symbol
Value
Unit
Junction−to−Case (Drain)
NDD02N40
RqJC
3.2
°C/W
Junction−to−Ambient Steady State
NDD02N40 (Note 4)
NDD02N40−1 (Note 3)
NDT02N40 (Note 4)
NDT02N40 (Note 5)
RqJA
39
96
62
151
°C/W
3. Insertion mounted
4. Surface mounted on FR4 board using 1
″ sq. pad size
(Cu area = 1.127
″ sq. [2 oz] including traces)
5. Surface−mounted on FR4 board using minimum recommended pad size
(Cu area = 0.026” sq. [2 oz]).
http://onsemi.com
V(BR)DSS
RDS(ON) MAX
400 V
5.5
W @ 10 V
N−Channel MOSFET
D (2)
S (3)
G (1)
MARKING
DIAGRAMS
Y
= Year
WW
= Work Week
2N40
= Device Code
G
= Pb−Free Package
See detailed ordering and shipping information in the package
dimensions section on page 3 of this data sheet.
ORDERING INFORMATION
1
Gate
3
Source
2
Drain
4
Drain
DPAK
CASE 369C
(Surface Mount)
STYLE 2
1 2
3
4
1
Gate
3
Source
2
Drain
4
Drain
IPAK
CASE 369D
(Straight Lead)
STYLE 2
1
2
3
4
A
= Assembly Location
Y
= Year
W
= Work Week
2N40
= Specific Device Code
G
= Pb−Free Package
AYW
2N40
G
G
(*Note: Microdot may be in either location)
SOT−223
CASE 318E
STYLE 3
1 2
3
4
2
Drain
1
Gate
3
Source
4
Drain


Similar Part No. - NDD02N40T4G

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
NDD02N40T4G DOINGTER-NDD02N40T4G Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - NDD02N40T4G

ManufacturerPart #DatasheetDescription
logo
AiT Semiconductor Inc.
BSS123L AITSEMI-BSS123L Datasheet
486Kb / 5P
   MOSFET N-CHANNEL POWER MOSFET
REV1.0
logo
Fairchild Semiconductor
SSF7N90A FAIRCHILD-SSF7N90A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
FQH90N15 FAIRCHILD-FQH90N15_06 Datasheet
1Mb / 10P
   N-Channel Power MOSFET
SSH8N80A FAIRCHILD-SSH8N80A Datasheet
249Kb / 8P
   N-CHANNEL POWER MOSFET
logo
Seme LAB
IRF450 SEME-LAB-IRF450 Datasheet
19Kb / 2P
   N-CHANNEL POWER MOSFET
IRFM450 SEME-LAB-IRFM450 Datasheet
15Kb / 2P
   N-CHANNEL POWER MOSFET
IRFN240SMD SEME-LAB-IRFN240SMD Datasheet
23Kb / 2P
   N-CHANNEL POWER MOSFET
IRF044 SEME-LAB-IRF044 Datasheet
21Kb / 2P
   N-CHANNEL POWER MOSFET
IRF140 SEME-LAB-IRF140 Datasheet
22Kb / 2P
   N-CHANNEL POWER MOSFET
2N7081220MISO SEME-LAB-2N7081220MISO Datasheet
14Kb / 2P
   N-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
SSH10N90A FAIRCHILD-SSH10N90A Datasheet
250Kb / 8P
   N-CHANNEL POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com