Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL1027P Datasheet(PDF) 3 Page - AUK corp

Part # SL1027P
Description  DUAL PREAMPLIFIER WITH ALC
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AUK [AUK corp]
Direct Link  https:www.auk.co.kr
Logo AUK - AUK corp

SL1027P Datasheet(HTML) 3 Page - AUK corp

  SL1027P Datasheet HTML 1Page - AUK corp SL1027P Datasheet HTML 2Page - AUK corp SL1027P Datasheet HTML 3Page - AUK corp SL1027P Datasheet HTML 4Page - AUK corp SL1027P Datasheet HTML 5Page - AUK corp SL1027P Datasheet HTML 6Page - AUK corp SL1027P Datasheet HTML 7Page - AUK corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
KSI-W021-000
3
Block Diagram
Test Circuit
SL1027P
14
13
12
11
10
9
8
1
2
3
4
5
6
7
GND
NF 2 &
AMP 2
(-)I n p u t
NULL
ALC 2
Ou t p u t
VCC
In p u t
Bi a s
Vo l t a g e
AMP 2
Ou t p u t
Bi a s
Ci r c u i t
AMP 2
AMP 1
ALC1
ALC2
+
+
-
-
AMP 2
(+)I n p u t
NF 1 &
AMP 1
(-)I n p u t
NULL
A LC1
Ou t p u t
ALC
In p u t
AMP 1
Ou t p u t
AMP 1
(+)I n p u t
B.P .
SL1027
14
13
12
11
10
9
8
1
2
3
4
5
6
7
+
+
+
+
+
+
+
+
+
+
+
+
+
B.P .
C
C
V cc(5V )
A
20~20KHz
20~20KHz
SW 6
SW 6
b
b
12
SW 4
SW 5
SW 5
SW 2
SW 1.1
SW 1.2
1
2
1
2
1
2
SW 4
SW 3
SW 2
SG
2.2K
300K
4.7u F
4.7u F
22u F
4.7u F
4.7u F
10u F
10K
680
0.033u F
51K
4.7K
680
680
56
680
10K
220u F
10u F
0.033u F
51K
4.7K
22u F
56
220u F
2.2K
470u F
470u F
47u F
SL1027P


Similar Part No. - SL1027P

ManufacturerPart #DatasheetDescription
logo
AUK corp
SL1027P AUK-SL1027P Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
More results

Similar Description - SL1027P

ManufacturerPart #DatasheetDescription
logo
Rohm
BA3308 ROHM-BA3308 Datasheet
172Kb / 8P
   Dual preamplifier with ALC
logo
AUK corp
SL1027P AUK-SL1027P_1 Datasheet
267Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
logo
Daewoo Semiconductor
DBL1027 DAEWOO-DBL1027 Datasheet
299Kb / 6P
   DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3311L ROHM-BA3311L Datasheet
64Kb / 4P
   Dual preamplifier with ALC
logo
Unisonic Technologies
BA3308 UTC-BA3308 Datasheet
127Kb / 8P
   DUAL PREAMPLIFIER WITH ALC
BA3308 UTC-BA3308_11 Datasheet
179Kb / 4P
   DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3306 ROHM-BA3306 Datasheet
95Kb / 5P
   Dual preamplifier with ALC
logo
Mitsubishi Electric Sem...
M51545P MITSUBISHI-M51545P Datasheet
280Kb / 4P
   3V DUAL PREAMPLIFIER WITH ALC
logo
Rohm
BA3313L ROHM-BA3313L Datasheet
66Kb / 5P
   Dual preamplifier with ALC detector circuit
BA3314F ROHM-BA3314F Datasheet
66Kb / 4P
   Dual preamplifier with ALC detector circuit
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com