Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDW-UJG Datasheet(PDF) 6 Page - DOMINANT Semiconductors

Part # DDW-UJG
Description  High brightness surface mount LED
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDW-UJG Datasheet(HTML) 6 Page - DOMINANT Semiconductors

Back Button DDW-UJG Datasheet HTML 2Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 3Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 4Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 5Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 6Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 7Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 8Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 9Page - DOMINANT Semiconductors DDW-UJG Datasheet HTML 10Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
6
Bin
5K
5L
6K
6L
7K
7L
8K
8L
0.296
0.259
0.291
0.268
0.313
0.284
0.310
0.297
Dominant color coordinate is measured with an accuracy of ± 0.01.
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.291
0.268
0.285
0.279
0.310
0.297
0.307
0.312
0.310
0.297
0.307
0.312
0.330
0.330
0.330
0.347
0.313
0.284
0.310
0.297
0.330
0.310
0.330
0.330
DDW, White Color Grouping
0.330
0.310
0.330
0.330
0.352
0.344
0.345
0.352
Cx
Cy
Cx
Cy
Cx
Cy
Cx
Cy
0.330
0.330
0.330
0.347
0.338
0.342
0.347
0.371
0.338
0.342
0.347
0.371
0.364
0.380
0.367
0.401
0.352
0.344
0.345
0.352
0.360
0.357
0.364
0.380
Chromaticity coordinate groups are measured with an accuracy of ± 0.01.
0.34
0.32
0.30
0.28
0.26
0.24
0.27
0.29
0.35
0.36
0.30
0.31
0.32
0.34
0.33
0.28
0.44
0.42
0.40
0.38
0.36
White Bin Structure
5L
5K
7L
6L
6K
0.37
8L
8K
7K
04/08/2014 V4.0
InGaN White : DDW-UJG
DOMINANT
Opto Technologies
Innovating Illumination
TM
For this color bin selection, part number will be DDW-UJG-xxxx-5K8L


Similar Part No. - DDW-UJG

ManufacturerPart #DatasheetDescription
logo
Roithner LaserTechnik G...
DDW-UJ2-TU1-1 ROITHNER-DDW-UJ2-TU1-1 Datasheet
210Kb / 7P
   white SMD LED
logo
DOMINANT Semiconductors
DDW-UJD-T1 DOMINANT-DDW-UJD-T1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-T2 DOMINANT-DDW-UJD-T2 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-TU2-1 DOMINANT-DDW-UJD-TU2-1 Datasheet
800Kb / 13P
   LED InGaN White
DDW-UJD-U1 DOMINANT-DDW-UJD-U1 Datasheet
800Kb / 13P
   LED InGaN White
More results

Similar Description - DDW-UJG

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com