Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DDH-GRS Datasheet(PDF) 3 Page - DOMINANT Semiconductors

Part # DDH-GRS
Description  High brightness surface mount LED
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDH-GRS Datasheet(HTML) 3 Page - DOMINANT Semiconductors

  DDH-GRS_15 Datasheet HTML 1Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 2Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 3Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 4Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 5Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 6Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 7Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 8Page - DOMINANT Semiconductors DDH-GRS_15 Datasheet HTML 9Page - DOMINANT Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
29/10/2012 V5.0
3
Group
Dominant wavelength is measured with an accuracy of ± 1 nm.
Wavelength Grouping at Tj=25˚C
Wavelength distribution (nm)
Color
DDH; Hyper-red
Full
640 - 650
Forward Voltage (V)
Vf Binning (Optional)
Vf Bin @ 20mA
01
02
03
04
1.55 … 1.85
1.85 … 2.15
2.15 … 2.45
2.45 … 2.60
Forward voltage, Vf is measured with an accuracy of ± 0.1 V.
Please consult sales and marketing for special part number to incorporate Vf binning.
DOMINANT
Opto Technologies
Innovating Illumination
TM
AlGaAs : DDH-GRS
Electrical Characteristics at Tj=25˚C
M1
M2
N1
N2
P1
P2
18.0...22.4
22.4...28.5
28.5...35.5
35.5...45.0
45.0...56.0
56.0...71.5
Brightness Group
Luminous Intensity (mcd)
Luminous Intensity Group at Tj=25˚C
Luminous intensity is measured with an accuracy of ± 11%.


Similar Part No. - DDH-GRS_15

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDH-GRS-M1 DOMINANT-DDH-GRS-M1 Datasheet
149Kb / 8P
   LED
DDH-GRS-M2 DOMINANT-DDH-GRS-M2 Datasheet
149Kb / 8P
   LED
DDH-GRS-N1 DOMINANT-DDH-GRS-N1 Datasheet
149Kb / 8P
   LED
DDH-GRS-N2 DOMINANT-DDH-GRS-N2 Datasheet
149Kb / 8P
   LED
DDH-GRS-P1 DOMINANT-DDH-GRS-P1 Datasheet
149Kb / 8P
   LED
More results

Similar Description - DDH-GRS_15

ManufacturerPart #DatasheetDescription
logo
BRIGHT LED ELECTRONICS ...
BL-PSO-SSS-C10 BRIGHT-BL-PSO-SSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-SSS-C20 BRIGHT-BL-PSR-SSS-C20 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSY-CSS-C10 BRIGHT-BL-PSY-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PSR-CSS-C10 BRIGHT-BL-PSR-CSS-C10 Datasheet
823Kb / 8P
   High brightness surface mount LED.
BL-PDT-SRS-C10 BRIGHT-BL-PDT-SRS-C10 Datasheet
253Kb / 8P
   High brightness surface mount LED.
BL-PDB-UJS-C10 BRIGHT-BL-PDB-UJS-C10 Datasheet
1Mb / 12P
   High brightness surface mount LED.
logo
DOMINANT Semiconductors
DDX-DJX DOMINANT-DDX-DJX Datasheet
1Mb / 15P
   High brightness surface mount LED
DDW-UJG DOMINANT-DDW-UJG Datasheet
1Mb / 17P
   High brightness surface mount LED
DWF-LJG DOMINANT-DWF-LJG Datasheet
1Mb / 16P
   High brightness surface mount LED
DWW-DZKG DOMINANT-DWW-DZKG Datasheet
1Mb / 16P
   High brightness surface mount LED
DDX-JJX-I1 DOMINANT-DDX-JJX-I1 Datasheet
781Kb / 12P
   High brightness surface mount LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com