Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3459 Datasheet(PDF) 1 Page - ON Semiconductor

Part # CPH3459
Description  Single N-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3459 Datasheet(HTML) 1 Page - ON Semiconductor

  CPH3459 Datasheet HTML 1Page - ON Semiconductor CPH3459 Datasheet HTML 2Page - ON Semiconductor CPH3459 Datasheet HTML 3Page - ON Semiconductor CPH3459 Datasheet HTML 4Page - ON Semiconductor CPH3459 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
80714HK TC-00003142/52214TKIM No.A2301-1/5
Semiconductor Components Industries, LLC, 2014
August, 2014
http://onsemi.com
ORDERING INFORMATION
See detailed ordering and shipping information on page 2 of this data sheet.
CPH3459
Features
 On-resistance RDS(on)1=2.8(typ)
 Input Capacitance Ciss=90pF (typ)
 4V drive
 Protection Diode in
 Halogen free compliance
Specifications
Absolute Maximum Ratings at Ta = 25
C
Parameter
Symbol
Conditions
Value
Unit
Drain to Source Voltage
VDSS
200
V
Gate to Source Voltage
VGSS
20
V
Drain Current (DC)
ID
0.5
A
Drain Current (Pulse)
IDP
PW
10s, duty cycle1%
2
A
Power Dissipation
PD
When mounted on ceramic substrate (900mm
2
0.8mm)
1.0
W
Junction Temperature
Tj
150
C
Storage Temperature
Tstg
55 to +150
C
Thermal Resistance Ratings
Parameter
Symbol
Value
Unit
Junction to Ambient
R
JA
125
C/W
When mounted on ceramic substrate (900mm
2
0.8mm)
Electrical Characteristics at Ta
 25C
Parameter
Symbol
Conditions
Value
Unit
min
typ
max
Drain to Source Breakdown Voltage
V(BR)DSS
ID=1mA, VGS=0V
200
V
Zero-Gate Voltage Drain Current
IDSS
VDS=200V, VGS=0V
1
A
Gate to Source Leakage Current
IGSS
VGS=±16V, VDS=0V
10
A
Gate Threshold Voltage
VGS(th)
VDS=10V, ID=1mA
1.2
2.6
V
Forward Transconductance
gFS
VDS=10V, ID=0.25A
0.8
S
Static Drain to Source On-State Resistance
RDS(on)1
ID=0.25A, VGS=10V
2.8
3.7
RDS(on)2
ID=0.25A, VGS=4V
2.9
4.1
Continued on next page.
Ordering number : ENA2301A
Power MOSFET
200V, 3.7Ω, 0.5A, Single N-Channel
Stresses exceeding those listed in the Maximum Ratings table may damage the device. If any of these limits are exceeded, device functionality should not be assumed,
damage may occur and reliability may be affected.
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - CPH3459

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3453 SANYO-CPH3453 Datasheet
290Kb / 4P
   N-Channel Silicon MOSFET General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3453 ONSEMI-CPH3453 Datasheet
222Kb / 4P
   General-Purpose Switching Device Applications
Jan-2011, Rev. 0
logo
Sanyo Semicon Device
CPH3455 SANYO-CPH3455 Datasheet
420Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3455 ONSEMI-CPH3455 Datasheet
538Kb / 5P
   Single N-Channel Power MOSFET
June 2015 - Rev. 3
logo
Sanyo Semicon Device
CPH3455-TL-H SANYO-CPH3455-TL-H Datasheet
599Kb / 7P
   General-Purpose Switching Device Applications
More results

Similar Description - CPH3459

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS6H800N ONSEMI-NTMFS6H800N Datasheet
141Kb / 6P
   MOSFET ??Power, Single, N-Channel
May, 2019 ??Rev. 1
CPH3448 ONSEMI-CPH3448 Datasheet
709Kb / 5P
   Single N-Channel Power MOSFET
July, 2014
MCH6431 ONSEMI-MCH6431 Datasheet
382Kb / 5P
   Single N-Channel Power MOSFET
March 2015 - Rev. 3
NTMFS6B03N ONSEMI-NTMFS6B03N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
February, 2015 ??Rev. 1
NVTFS4C08N ONSEMI-NVTFS4C08N Datasheet
92Kb / 6P
   Single N- Channel Power MOSFET
July, 2014 ??Rev. 1
NVMFS6B14N ONSEMI-NVMFS6B14N Datasheet
82Kb / 6P
   Single N-Channel Power MOSFET
October, 2015 ??Rev. 0
NVMFS5C426NL ONSEMI-NVMFS5C426NL Datasheet
186Kb / 7P
   MOSFET ??Power, Single N-Channel
September, 2019 ??Rev. 1
NVMFS6H864N ONSEMI-NVMFS6H864N Datasheet
189Kb / 7P
   MOSFET - Power, Single N-Channel
June, 2020 ??Rev. 2
NTMFS005N10MCL ONSEMI-NTMFS005N10MCL Datasheet
137Kb / 6P
   MOSFET ??Power, Single N-Channel
November, 2020 ??Rev. 0
SCH1435 ONSEMI-SCH1435 Datasheet
523Kb / 5P
   Single N-Channel Power MOSFET
August 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com