Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CPH3362 Datasheet(PDF) 2 Page - ON Semiconductor

Part # CPH3362
Description  Single P-Channel Power MOSFET
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

CPH3362 Datasheet(HTML) 2 Page - ON Semiconductor

  CPH3362 Datasheet HTML 1Page - ON Semiconductor CPH3362 Datasheet HTML 2Page - ON Semiconductor CPH3362 Datasheet HTML 3Page - ON Semiconductor CPH3362 Datasheet HTML 4Page - ON Semiconductor CPH3362 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CPH3362
No.A2321-2/5
Continued from preceding page.
Parameter
Symbol
Conditions
Value
Unit
min
Typ
max
Turn-ON Delay Time
td(on)
See specified Test Circuit
3.9
ns
Rise Time
tr
3.4
ns
Turn-OFF Delay Time
td(off)
28
ns
Fall Time
tf
12
ns
Total Gate Charge
Qg
VDS=50V, VGS=10V, ID=0.7A
3.7
nC
Gate to Source Charge
Qgs
0.37
nC
Gate to Drain “Miller” Charge
Qgd
0.86
nC
Forward Diode Voltage
VSD
IS=0.7A, VGS=0V
0.83
1.2
V
Ordering & Package Information
Packing Type:TL
Marking
Device
Package
Shipping
note
CPH3362-TL-W
CPH3, SC-59
SOT-23, TO-236
3,000
pcs. / reel
Pb-Free
and
Halogen Free
Electrical Connection
Switching Time Test Circuit
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.
TL


Similar Part No. - CPH3362

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
CPH3360 SANYO-CPH3360 Datasheet
408Kb / 4P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3360 ONSEMI-CPH3360 Datasheet
547Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
logo
Sanyo Semicon Device
CPH3360-TL-H SANYO-CPH3360-TL-H Datasheet
540Kb / 7P
   General-Purpose Switching Device Applications
logo
ON Semiconductor
CPH3360-TL-H ONSEMI-CPH3360-TL-H Datasheet
547Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
CPH3360-TL-W ONSEMI-CPH3360-TL-W Datasheet
547Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
More results

Similar Description - CPH3362

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BSS84LT1 ONSEMI-BSS84LT1_16 Datasheet
110Kb / 4P
   Power MOSFET Single P-Channel
October, 2016 ??Rev. 9
CPH3351 ONSEMI-CPH3351 Datasheet
403Kb / 5P
   Single P-Channel Power MOSFET
March 2015 - Rev. 2
CPH6337 ONSEMI-CPH6337 Datasheet
484Kb / 5P
   Single P-Channel Power MOSFET
September 2015 - Rev. 2
MCH3374 ONSEMI-MCH3374 Datasheet
486Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
MCH3376 ONSEMI-MCH3376 Datasheet
735Kb / 5P
   Single P-Channel Power MOSFET
July, 2014
MCH5839 ONSEMI-MCH5839 Datasheet
675Kb / 6P
   Single P-Channel Power MOSFET
August 2015 - Rev. 1
SFT1341 ONSEMI-SFT1341 Datasheet
353Kb / 6P
   Single P-Channel Power MOSFET
September, 2014
logo
Unisonic Technologies
UT2955 UTC-UT2955_15 Datasheet
234Kb / 4P
   SINGLE P-CHANNEL POWER MOSFET
logo
ON Semiconductor
CPH3348 ONSEMI-CPH3348 Datasheet
487Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
CPH3360 ONSEMI-CPH3360 Datasheet
547Kb / 5P
   Single P-Channel Power MOSFET
July 2015 - Rev. 2
SCH1345 ONSEMI-SCH1345 Datasheet
546Kb / 5P
   Single P-Channel Power MOSFET
November 2015 - Rev. 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com