Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T030-1-548X Datasheet(PDF) 1 Page - Ensign Corporation

Part # T030-1-548X
Description  POWER TRANSFORMER COMMODORE CLASS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ENSIGN [Ensign Corporation]
Direct Link  http://www.ensigncorp.com
Logo ENSIGN - Ensign Corporation

T030-1-548X Datasheet(HTML) 1 Page - Ensign Corporation

  T030-1-548X Datasheet HTML 1Page - Ensign Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
POWER TRANSFORMER
COMMODORE CLASS
T030-1-XXXX
T030-2-XXXX
T030-3-XXXX
CONTENTS OF THIS DRAWING ARE SUBJECT TO
CHANGE WITHOUT PRIOR NOTICE
Ensign Corporation
201 ENSIGN RD., BELLEVUE, IA 52031
Dim: Inches
Sheet 1 of 1
PROPRIETARY NOTICE: THIS DRAWING PRINT OR DOCUMENT AND SUBJECT MATTER DISCLOSED HEREIN ARE PROPRIETARY ITEMS TO WHICH ENSIGN RETAINS
THE EXCLUSIVE RIGHT OF DISSEMINATION, MANUFACTURE AND SALE. THIS DRAWING, PRINT OR DOCUMENT IS SUBMITTED IN CONFIDENCE FOR CONSIDERATION
BY THE RECIPIENT ALONE UNLESS PERMISSION FOR FURTHER DISCLOSURE IS EXPRESSLY GRANTED IN WRITING
Part Number
115V
115/230V
230V
Secondary
T030-1-510X
T030-2-510X
T030-3-510X
10VCT @ 3.0A
T030-1-512X
T030-2-512X
T030-3-512X
12.6VCT @ 2.5A
T030-1-516X
T030-2-516X
T030-3-516X
16VCT @ 2.0A
T030-1-520X
T030-2-520X
T030-3-520X
20VCT @ 1.5A
T030-1-524X
T030-2-524X
T030-3-524X
24VCT @ 1.25A
T030-1-528X
T030-2-528X
T030-3-528X
28VCT @ 1.0mA
T030-1-536X
T030-2-536X
T030-3-536X
36VCT @ 850mA
T030-1-548X
T030-2-548X
T030-3-548X
48VCT @ 630mA
T030-1-556X
T030-2-556X
T030-3-556X
56VCT @ 540mA
T030-1-620X
T030-2-620X
T030-3-620X
120VCT @ 250mA
COMMODORE CLASS - CHASSIS MOUNT WITH QUICK-CONNECT TERMINALS POWER TRANSFORMER
1.
Electrical Specifications
A. Maximum Power: 30VA
B. Input Voltage and Frequency: 115V, 115/230V or 230V
50/60Hz
C. Voltage Regulation: 12% TYP @ full load to no load
D. Temperature Rise: 35 C TYP
E. Insulation Resistance: < 1 MEG ohm
F.
Hi-Pot: 2500Vrms 1 minute @ Pri to Sec
2500Vrms 1 minute @ Pri to Core
1500Vrms 1 minute @ Sec to Core
2.
Marking: Ensign Corp, part number (see table), date code,
country, terminal number
3.
Safety:
UL/cUL 5085-2 Recognized (File 47299)
UL 1446 Recognized Insulation System (File 95662)
Primary Schematics
Secondary Schematics
Single Input
(Specify 115V,
120V, 230V or
240V)
Dual Input
(Specify
115/230V or
120/240V)
Single
Output
Center-Tapped
Output
Dual
Output


Similar Part No. - T030-1-548X

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
T030-50M TRIPPLITE-T030-50M Datasheet
169Kb / 2P
   Laser Distance Measurer, 50 m
More results

Similar Description - T030-1-548X

ManufacturerPart #DatasheetDescription
logo
Ensign Corporation
T012-1-510X ENSIGN-T012-1-510X Datasheet
290Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T056-1-510X ENSIGN-T056-1-510X Datasheet
291Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T002-1-510X ENSIGN-T002-1-510X Datasheet
446Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T002-1-710X ENSIGN-T002-1-710X Datasheet
279Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T006-1-510X ENSIGN-T006-1-510X Datasheet
299Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T050-1-510X ENSIGN-T050-1-510X Datasheet
291Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
T100-1-510X ENSIGN-T100-1-510X Datasheet
302Kb / 1P
   POWER TRANSFORMER COMMODORE CLASS
IL002-1-010X ENSIGN-IL002-1-010X Datasheet
712Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL030-1-010X ENSIGN-IL030-1-010X Datasheet
727Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
IL080-1-010X ENSIGN-IL080-1-010X Datasheet
691Kb / 1P
   POWER TRANSFORMER ADMIRAL CLASS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com