Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

T494C226M010AS Datasheet(PDF) 1 Page - Kemet Corporation

Part # T494C226M010AS
Description  SOLID TANTALUM CHIP CAPACITORS
(T494
SERIES - Low ESR, Industrial Grade)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

T494C226M010AS Datasheet(HTML) 1 Page - Kemet Corporation

  T494C226M010AS Datasheet HTML 1Page - Kemet Corporation T494C226M010AS Datasheet HTML 2Page - Kemet Corporation T494C226M010AS Datasheet HTML 3Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Notes: 1. Metric dimensions govern.
2. (Ref) - Dimensions provided for reference only.
3. No dimensions provided for B, P or R because low profile cases do not have a bevel or a notch.
CASE SIZE
COMPONENT
KEMET
R
S
T
U
V
EIA
2012-12
3216-12
3528-12
6032-15
7343-20
L
2.0
± 0.2
(.079
± .008)
3.2
± 0.2
(.126
± .008)
3.5
± 0.2
(.138
± .008)
6.0
± 0.3
(.236
± .012)
7.3
± 0.3
(.287
± .012)
W
1.3
± 0.2
(.051
± .008)
1.6
± 0.2
(.063
± .008)
2.8
± 0.2
(.110
± .008)
3.2
± 0.3)
(.126
± .012)
4.3
± 0.3
(.169
± .012)
H Max.
1.2
(.047)
1.2
(.047)
1.2
(.047)
1.5
(.059)
2.0
(.079)
0.3
(.012)
0.3
(.012)
0.3
(.012)
0.5
(.020)
0.9
(.035)
K Min.
0.9
(.035)
1.2
(.047)
2.2
(.087)
2.2
(.087)
2.4
(.094)
F
± 0.1
0.5
(.020)
0.8
(.031)
0.8
(.031)
1.3
(.051)
1.3
(.051)
S
± 0.3
0.05
(.002)
0.05
(.002)
0.05
(.002)
0.05
(.002)
0.05
(.002)
X
(Ref
T
(Ref)
0.13
(.005)
0.13
(.005)
0.13
(.005)
0.13
(.005)
0.13
(.005)
A
(Min)
0.8
(.031)
0.8
(.031)
1.1
(.043)
2.5
(.098)
3.8
(.150)
G
(Ref)
0.5
(.020)
1.1
(.043)
1.8
(.071)
2.8
(.110)
3.5
(.138)
E
(Ref)
0.8
(.031)
1.3
(.051)
2.2
(.087)
2.4
(.094)
3.5
(.138)
0.10
± 0.10
(.004
± .004)
0.10
± 0.10
(.004
± .004)
0.10
± 0.10
(.004
± .004)
0.10
± 0.10
(.004
± .004)
0.10
± 0.10
(.004
± .004)
0.10
± 0.10
(.004
± .004)
KEMET
EIA
L*
W*
H*
X
(Ref)
P
(Ref)
R
(Ref)
T
(Ref)
A
(Min)
G
(Ref)
E
(Ref)
A
B
C
D
X
E
3216-18
3528-21
6032-28
7343-31
7343-43
7260-38
3.2
± 0.2
(.126
± .008)
3.5
± 0.2
(.138
± .008)
6.0
± 0.3
(.236
± .012)
7.3
± 0.3
(.287
± .012)
7.3
± 0.3
(.287
± .012)
7.3
± 0.3
(.287
± .012)
1.6
±0.2
(.063
±.008)
2.8
± 0.2
(.110
± .008)
3.2
± 0.3
(.126
± .012)
4.3
± 0.3
(.169
± .012)
4.3
± 0.3
(.169
± .012)
6.0
± 0.3
(.236
± .012)
1.6
± 0.2
(.063
± .008)
1.9
± 0.2
(.075
± .008)
2.5
± 0.3
(.098
± .012)
2.8
± 0.3
(.110
± .012)
4.0
± 0.3
(.157
± .012)
3.6
± 0.2
(.142
± .008)
1.2
(.047)
2.2
(.087)
2.2
(.087)
2.4
(.094)
2.4
(.094)
4.1
(.161)
0.8
(.031)
0.8
(.031)
1.3
(.051)
1.3
(.051)
1.3
(.051)
1.3
(.051)
0.4
(.016)
0.4
(.016)
0.5
(.020)
0.5
(.020)
0.5
(.020)
0.5
(.020)
0.9
(.035)
1.1
(.043)
1.4
(.055)
1.5
(.059)
2.3
(.091)
2.3
(.091)
0.4
(.016)
0.5
(.020)
0.9
(.035)
0.9
(.035)
1.7
(.067)
0.9
(.035)
0.4
(.016)
1.0
(.039)
1.0
(.039)
1.0
(.039)
1.0
(.039)
1.0
(.039)
0.13
(.005)
0.13
(.005)
0.13
(.005)
0.13
(.005)
0.13
(.005)
0.13
(.005)
0.8
(.031)
1.1
(.043)
2.5
(.098)
3.8
(.150)
3.8
(.150)
3.8
(.150)
1.1
(.043)
1.8
(.071)
2.8
(.110)
3.5
(.138)
3.5**
(.138)
3.5
(.138)
1.3
(.051)
2.2
(.087)
2.4
(.094)
3.5
(.138)
3.5**
(.138)
3.5
(.138)
CASE SIZE
COMPONENT
Notes: 1. Metric dimensions govern.
2. (Ref) - Dimensions provided for reference only.
* Mil-C-55365/8 Specified Dimensions
** Round Glue Pad: 2.9
±0.1mm (0.114" ±0.004") in diameter at KEMET’s option
K*
± 0.20
± (.008)
S*
± 0.3
± (.012)
F*
± 0.1
± (.004)
B
(Ref)
± 0.15
± (.006)
KEMET
®
KEMET Electronics Corporation, P.O. Box 5928, Greenville, S.C. 29606, (864) 963-6300
21
SOLID TANTALUM CHIP CAPACITORS
T494 SERIES — Low ESR, Industrial Grade
CAPACITOR OUTLINE DRAWING
FEATURES
Low ESR values in EIA 535BAAC sizes
Taped and Reeled per EIA 481-1
Symmetrical, Compliant Terminations
Optional Gold-plated Terminations
Laser-marked Case
100% Surge Current test on C, D, E, U, V, X sizes
Capacitance: 0.1
F to 1000
F
Tolerance: ±10%, ±20%
Voltage: 3-50 VDC
Extended Range Values
New Low Profile Case Sizes
STANDARD T494 DIMENSIONS
Millimeters (inches)
T494 ORDERING INFORMATION
W
K
X
CATHODE (-) END
VIEW
SIDE VIEW
ANODE (+) END
VIEW
T
G
S
S
B
B
H
H
BOTTOM VIEW
E
F
A
L
Termination
cutout at
KEMET’s
Option,
either end
R
P
LOW PROFILE T494 DIMENSIONS
Millimeters (inches)
Case Size
A, B, C, D, E, R, S, T, U, V, X
M -
± 20%
K -
±10%
*Part number example: T494B105M035AS (14 digits - no spaces)
M
105
494
A
035
TB
S*
Tantalum
Series
T494 - Low ESR, Industrial Grade
Capacitance Picofarad Code
First two digits represent significant figures.
Third digit specifies number of zeros to follow.
Lead Material
Failure Rate
Voltage
Capacitance Tolerance
A - Not Applicable
S - Standard Solder -Coated (90% Sn/10% Pb)
G - Gold Plated (A, B, C, D, X only)
T - 100% Tin (Sn) Plated and Reflowed


Similar Part No. - T494C226M010AS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
T494C226M010AS TI1-T494C226M010AS Datasheet
496Kb / 25P
[Old version datasheet]   REGULATED 3.3-V 100-ML LOW-NOISE CHARGE PUMP DC/DC CONVERTER
More results

Similar Description - T494C226M010AS

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
T494B226M016AT KEMET-T494B226M016AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157K010ATE100 KEMET-T495D157K010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A225K020AT KEMET-T494A225K020AT Datasheet
2Mb / 23P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A106K010ATE1K8 KEMET-T495A106K010ATE1K8 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495D157M010ATE100 KEMET-T495D157M010ATE100 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494A106K010AT KEMET-T494A106K010AT Datasheet
2Mb / 22P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T510E107K025AHE050 KEMET-T510E107K025AHE050 Datasheet
2Mb / 16P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T495A475K010ATE1K3 KEMET-T495A475K010ATE1K3 Datasheet
2Mb / 28P
   Tantalum Surface Mount Capacitors ??Low ESR T494 Series Industrial Grade MnO2
T494C226M010AT KEMET-T494C226M010AT Datasheet
1Mb / 23P
   Low ESR MnO2 Tantalum & Aluminum Surface Mount Capacitors T494 Industrial Grade Low ESR MnO2 Series
T494T336M004AT KEMET-T494T336M004AT Datasheet
2Mb / 22P
   T494 Industrial Grade Low ESR MnO2 Series
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com