Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CF8223A Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # CF8223A
Description  FSK Decoder and DTMF Receiver IC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

CF8223A Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  CF8223A Datasheet HTML 1Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 2Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 3Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 4Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 5Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 6Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 7Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 8Page - Nippon Precision Circuits Inc CF8223A Datasheet HTML 9Page - Nippon Precision Circuits Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SM8223A
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
GND = 0V
Recommended Operating Conditions
GND = 0V
DC Electrical Characteristics
VDD = 3.0V ± 0.3V, GND = 0V, fCLK = 3.579545MHz, Ta = −20 to 85°C unless otherwise noted.
P arameter
Symbol
Rating
Unit
Supply voltage range
V DD
−0.5 to 5.0
V
Input voltage range
V IN
− 0.3 to V
DD + 0.3
V
DC input current
IIN
±10
m A
Storage temperature range
T stg
−40 to 125
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage
V DD
2.7
3.3
V
Clock frequency
fCLK
3.579545
M H z
Clock frequency accuracy
∆f
C
−0.1
+0.1
%
Operating temperature
Ta
−20
8 5
°C
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply current consumption
IDD
P D W N = 0 V, RDIN = 0 V,
RDRC = 0 V, all other inputs
open
4.5
m A
P ow er-down state current
IDPD
P D WN = V DD, RDIN = 0 V,
RDRC = 0 V, all other inputs
open
––
1 5
µ A
P D WN, RDIN, RDRC LOW -level
input voltage
V IL1
0.3VDD
V
P D WN, RDIN, RDRC HIGH-level
input voltage
V IH1
0.7VDD
––
V
OSCIN LOW -level input voltage
V IL2
When external clock input
0.3VDD
V
OSCIN HIGH-level input voltage
V IH2
When external clock input
0.7VDD
––
V
DOUT, D V, RDET, FSK/DTMF LOW -
level output current
IOL
2––
m A
DOUT, D V, RDET, FSK/DTMF HIGH-
level output current
IOH
––
−0.8
m A
P D WN, RDIN input leakage current
IIN
−1–
1
µ A
RDRC output leakage current
IOFF
––1
µ A


Similar Part No. - CF8223A

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
CF8224C NPC-CF8224C Datasheet
128Kb / 11P
   Dual-Tone Receiver IC
More results

Similar Description - CF8223A

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LC73860 SANYO-LC73860 Datasheet
103Kb / 6P
   DTMF Receiver IC
logo
Mitel Networks Corporat...
MT8860 MITEL-MT8860 Datasheet
885Kb / 13P
   DTMF DECODER
logo
Analog Devices
ADF7902BRUZ AD-ADF7902BRUZ Datasheet
447Kb / 12P
   ISM Band FSK Receiver IC
REV. 0
logo
Sanyo Semicon Device
LC7387M SANYO-LC7387M Datasheet
114Kb / 6P
   DTMF Receiver?
logo
List of Unclassifed Man...
HM9202 ETC1-HM9202 Datasheet
79Kb / 1P
   DTMF RECEIVER
logo
Holtek Semiconductor In...
HT9170B HOLTEK-HT9170B_02 Datasheet
187Kb / 13P
   DTMF Receiver
logo
List of Unclassifed Man...
M-8870 ETC2-M-8870 Datasheet
255Kb / 8P
   DTMF Receiver
logo
ELAN Microelectronics C...
HM9270C EMC-HM9270C Datasheet
66Kb / 10P
   DTMF RECEIVER
logo
List of Unclassifed Man...
MS8870 ETC-MS8870 Datasheet
138Kb / 8P
   DTMF Receiver
logo
Silan Microelectronics ...
SC9270C SILAN-SC9270C Datasheet
177Kb / 12P
   DTMF RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com