Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RWS-F916 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # RWS-F916
Description  Wireless Hi Sensitivity Receiver Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RWS-F916 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  RWS-F916 Datasheet HTML 1Page - List of Unclassifed Manufacturers RWS-F916 Datasheet HTML 2Page - List of Unclassifed Manufacturers RWS-F916 Datasheet HTML 3Page - List of Unclassifed Manufacturers RWS-F916 Datasheet HTML 4Page - List of Unclassifed Manufacturers RWS-F916 Datasheet HTML 5Page - List of Unclassifed Manufacturers RWS-F916 Datasheet HTML 6Page - List of Unclassifed Manufacturers RWS-F916 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
http://www.wenshing.com.tw ; http://www.rf.net.tw
RWS-F916 Datasheet P.3
Rejection, 30 MHz
RREJ
55
dB
Sleep to Receive
Switch Time (100 ms
tSR
3
200
us
sleep, -85 dBm
signal)
Sleep Mode Current
IS
5
uA
Power Supply
Voltage Range
Vcc
2.7
5
Vdc
Operating Ambient
Temperature
TA
-10
+70
Electrical Characteristic, 19.2 Kbps On-Off Keyed, High-Sensitivity
RX Mode
Characteristic
Sym
Note
Min
Type
Max
Unit
Operating Frequency
fo
913.80
914.20
MHz
Modulation Type
OOK
Data Rate
2.4
Kbps
Receiver erformance
(OOK @ 2.4 kbps)
Input Current, 3 Vdc
Supply Input Signal
for 10 BER, 25 C
Rejection, 30 MHz
IR
1.8
mA
1
-98
dBm
RREJ
55
dBm
Sleep to Receive
Switch Time (100 ms
sleep, -85 dBm
signal)
tSR
3
200
us
Sleep Mode Current
IS
5
uA
Power Supply
Voltage Range
Vcc
2.7
3.5
Vdc
Operating Ambient
Temperature
TA
-10
+70


Similar Part No. - RWS-F916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-F868 ETC2-RWS-F868 Datasheet
295Kb / 7P
   Wireless Hi Sensitivity Receiver Module
RWS-F86L ETC2-RWS-F86L Datasheet
556Kb / 4P
   FM STRERO RECEIVER ISM
RWS-FZ150 ETC2-RWS-FZ150 Datasheet
500Kb / 1P
   RWS - FZ150
More results

Similar Description - RWS-F916

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RWS-371-3 ETC2-RWS-371-3 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-3 ETC2-RWS-375-3 Datasheet
263Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-4 ETC2-RWS-375-4 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-6 ETC2-RWS-375-6 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-123B ETC2-RWS-123B Datasheet
182Kb / 3P
   Wireless Hi Sensitivity Receiver Module
RWS-371-2 ETC2-RWS-371-2 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371-4 ETC2-RWS-371-4 Datasheet
262Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371F-4 ETC2-RWS-371F-4 Datasheet
308Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-371F-6 ETC2-RWS-371F-6 Datasheet
308Kb / 4P
   Wireless Hi Sensitivity Receiver Module
RWS-375-1 ETC2-RWS-375-1 Datasheet
264Kb / 4P
   Wireless Hi Sensitivity Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com