Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C628NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS5C628NL
Description  Power MOSFET 4 Amps, 20 Volts
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C628NL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS5C628NL Datasheet HTML 1Page - ON Semiconductor NVMFS5C628NL Datasheet HTML 2Page - ON Semiconductor NVMFS5C628NL Datasheet HTML 3Page - ON Semiconductor NVMFS5C628NL Datasheet HTML 4Page - ON Semiconductor NVMFS5C628NL Datasheet HTML 5Page - ON Semiconductor NVMFS5C628NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS5C628NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0
50
100
250
0
1.0
2.0
2.5
3.0
4.0
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE−TO−SOURCE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 50 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
VGS = 10 V
ID = 50 A
TJ = 125°C
TJ = 85°C
VDS = 5 V
TJ = 175°C
VGS = 4.0 V to 10 V
2.8 V
3.2 V
0
25
75
125
175
200
250
0
1.0
2.0
3.0
4.0
3.6 V
1
2
3
4
5
6
7
8
9
23
4
5
6
8
9
10
3.0
0
60
80
160
2.4
2.6
2.0
1.8
1.6
100
0.6
2.0
−50
−25
0
25
50
75
100
125
150
175
0.1
1000
10,000
100,000
1,000,000
515
35
55
50
100
150
225
200
150
7
2.8
20
40
120
140
0.8
1.0
1.2
1.4
1.6
1.8
25
45
2.4 V
3.5
1.5
0.5
2.2
TJ = 25°C
100
10
1


Similar Part No. - NVMFS5C628NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C628NLAFT1G ONSEMI-NVMFS5C628NLAFT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C628NLT1G ONSEMI-NVMFS5C628NLT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C628NLT3G ONSEMI-NVMFS5C628NLT3G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C628NLWFAFT1G ONSEMI-NVMFS5C628NLWFAFT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
NVMFS5C628NLWFT1G ONSEMI-NVMFS5C628NLWFT1G Datasheet
134Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 2
More results

Similar Description - NVMFS5C628NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTR3A052PZ ONSEMI-NTR3A052PZ Datasheet
61Kb / 3P
   Power MOSFET 4 Amps, 20 Volts
December, 2015 ??Rev. P0
NTMFS5C410NLT ONSEMI-NTMFS5C410NLT Datasheet
123Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
May, 2015 ??Rev. 0
NVMFS5C612NL ONSEMI-NVMFS5C612NL Datasheet
83Kb / 6P
   Power MOSFET 4 Amps, 20 Volts
February, 2015 ??Rev. 1
NTHD5905T1 ONSEMI-NTHD5905T1 Datasheet
204Kb / 8P
   Power MOSFET 4 Amps, 20 Volts
February, 2005 ??Rev. XXX
NTF6P02 ONSEMI-NTF6P02 Datasheet
112Kb / 6P
   Power MOSFET -10 Amps, -20 Volts
August, 2013 ??Rev. 6
NTMD2C02R2 ONSEMI-NTMD2C02R2 Datasheet
117Kb / 16P
   Power MOSFET 2 Amps, 20 Volts
September, 2002 ??Rev. 0
NTQD6968 ONSEMI-NTQD6968 Datasheet
76Kb / 8P
   Power MOSFET 6.6 Amps, 20 Volts
November, 2001 ??Rev. 0
NTTD1P02R2 ONSEMI-NTTD1P02R2 Datasheet
75Kb / 6P
   Power MOSFET -1.45 Amps, -20 Volts
December, 2003 ??Rev. 1
NTQD6866R2 ONSEMI-NTQD6866R2 Datasheet
71Kb / 12P
   Power MOSFET 6.9 Amps, 20 Volts
September, 2001 ??Rev. 1
NTMS5P02R2 ONSEMI-NTMS5P02R2_06 Datasheet
122Kb / 7P
   Power MOSFET -5.4 Amps, -20 Volts
March, 2006 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com