Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C450NL Datasheet(PDF) 3 Page - ON Semiconductor

Part # NVMFS5C450NL
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C450NL Datasheet(HTML) 3 Page - ON Semiconductor

  NVMFS5C450NL Datasheet HTML 1Page - ON Semiconductor NVMFS5C450NL Datasheet HTML 2Page - ON Semiconductor NVMFS5C450NL Datasheet HTML 3Page - ON Semiconductor NVMFS5C450NL Datasheet HTML 4Page - ON Semiconductor NVMFS5C450NL Datasheet HTML 5Page - ON Semiconductor NVMFS5C450NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
NVMFS5C450NL
www.onsemi.com
3
TYPICAL CHARACTERISTICS
0
50
100
150
200
250
300
01234
5
Figure 1. On−Region Characteristics
Figure 2. Transfer Characteristics
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
VGS, GATE−TO−SOURCE VOLTAGE (V)
Figure 3. On−Resistance vs. Gate−to−Source
Voltage
Figure 4. On−Resistance vs. Drain Current and
Gate Voltage
VGS, GATE VOLTAGE (V)
ID, DRAIN CURRENT (A)
Figure 5. On−Resistance Variation with
Temperature
Figure 6. Drain−to−Source Leakage Current
vs. Voltage
TJ, JUNCTION TEMPERATURE (°C)
VDS, DRAIN−TO−SOURCE VOLTAGE (V)
2.6 V
3.0 V
TJ = 125°C
TJ = 25°C
TJ = −55°C
TJ = 25°C
ID = 40 A
TJ = 25°C
VGS = 4.5 V
VGS = 10 V
VGS = 10 V
ID = 40 A
TJ = 125°C
TJ = 85°C
3.4 V
VDS = 5 V
TJ = 150°C
4.5 V to
10 V
2.8 V
3.2 V
0
50
100
150
200
250
300
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0 2.2 2.4 2.6 2.8 3.0
3.6 V
3.8 V
4.0 V
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
6.0
0
50
100
200
250
300
5.0
4.0
3.0
2.0
1.0
150
0.7
0.9
1.1
1.3
1.5
1.7
1.9
−50 −25
0
25
50
75
100 125 150 175
10
100
1000
10000
100000
5
152535


Similar Part No. - NVMFS5C450NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C450NL ONSEMI-NVMFS5C450NL Datasheet
129Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C450NLAFT1G ONSEMI-NVMFS5C450NLAFT1G Datasheet
129Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C450NLT1G ONSEMI-NVMFS5C450NLT1G Datasheet
129Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C450NLT3G ONSEMI-NVMFS5C450NLT3G Datasheet
129Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 3
NVMFS5C450NLWFAFT1G ONSEMI-NVMFS5C450NLWFAFT1G Datasheet
129Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 3
More results

Similar Description - NVMFS5C450NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com