Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C423NLT1G Datasheet(PDF) 2 Page - ON Semiconductor

Part # NVMFS5C423NLT1G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C423NLT1G Datasheet(HTML) 2 Page - ON Semiconductor

  NVMFS5C423NLT1G Datasheet HTML 1Page - ON Semiconductor NVMFS5C423NLT1G Datasheet HTML 2Page - ON Semiconductor NVMFS5C423NLT1G Datasheet HTML 3Page - ON Semiconductor NVMFS5C423NLT1G Datasheet HTML 4Page - ON Semiconductor NVMFS5C423NLT1G Datasheet HTML 5Page - ON Semiconductor NVMFS5C423NLT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
NVMFS5C423NL
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Drain−to−Source Breakdown Voltage
V(BR)DSS
VGS = 0 V, ID = 250 mA
40
V
Drain−to−Source Breakdown Voltage
Temperature Coefficient
V(BR)DSS/
TJ
17
mV/°C
Zero Gate Voltage Drain Current
IDSS
VGS = 0 V,
VDS = 40 V
TJ = 25 °C
10
mA
TJ = 125°C
250
Gate−to−Source Leakage Current
IGSS
VDS = 0 V, VGS = 20 V
100
nA
ON CHARACTERISTICS (Note 4)
Gate Threshold Voltage
VGS(TH)
VGS = VDS, ID = 250 mA
1.2
2.0
V
Threshold Temperature Coefficient
VGS(TH)/TJ
−5.3
mV/°C
Drain−to−Source On Resistance
RDS(on)
VGS = 4.5 V
ID = 50 A
2.4
3.0
mW
VGS = 10 V
ID = 50 A
1.6
2.0
Forward Transconductance
gFS
VDS =15 V, ID = 50 A
140
S
CHARGES, CAPACITANCES & GATE RESISTANCE
Input Capacitance
CISS
VGS = 0 V, f = 1 MHz, VDS = 20 V
3100
pF
Output Capacitance
COSS
1300
Reverse Transfer Capacitance
CRSS
60
Total Gate Charge
QG(TOT)
VGS = 4.5 V, VDS = 20 V; ID = 50 A
23
nC
Total Gate Charge
QG(TOT)
VGS = 10 V, VDS = 20 V; ID = 50 A
50
nC
Threshold Gate Charge
QG(TH)
VGS = 4.5 V, VDS = 20 V; ID = 50 A
5.0
Gate−to−Source Charge
QGS
9.8
Gate−to−Drain Charge
QGD
6.7
Plateau Voltage
VGP
3.1
V
SWITCHING CHARACTERISTICS (Note 5)
Turn−On Delay Time
td(ON)
VGS = 4.5 V, VDS = 20 V,
ID = 50 A, RG = 1.0 W
12
ns
Rise Time
tr
72
Turn−Off Delay Time
td(OFF)
28
Fall Time
tf
8.4
DRAIN−SOURCE DIODE CHARACTERISTICS
Forward Diode Voltage
VSD
VGS = 0 V,
IS = 50 A
TJ = 25°C
0.85
1.2
V
TJ = 125°C
0.73
Reverse Recovery Time
tRR
VGS = 0 V, dIS/dt = 100 A/ms,
IS = 50 A
41
ns
Charge Time
ta
23
Discharge Time
tb
23
Reverse Recovery Charge
QRR
40
nC
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
4. Pulse Test: pulse width v 300 ms, duty cycle v 2%.
5. Switching characteristics are independent of operating junction temperatures.


Similar Part No. - NVMFS5C423NLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C423NLT1G ONSEMI-NVMFS5C423NLT1G Datasheet
85Kb / 6P
   Power MOSFET
April, 2017 ??Rev. 4
More results

Similar Description - NVMFS5C423NLT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com