Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS4C03NWFT1G Datasheet(PDF) 5 Page - ON Semiconductor

Part # NVMFS4C03NWFT1G
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS4C03NWFT1G Datasheet(HTML) 5 Page - ON Semiconductor

  NVMFS4C03NWFT1G Datasheet HTML 1Page - ON Semiconductor NVMFS4C03NWFT1G Datasheet HTML 2Page - ON Semiconductor NVMFS4C03NWFT1G Datasheet HTML 3Page - ON Semiconductor NVMFS4C03NWFT1G Datasheet HTML 4Page - ON Semiconductor NVMFS4C03NWFT1G Datasheet HTML 5Page - ON Semiconductor NVMFS4C03NWFT1G Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
NVMFS4C03N
http://onsemi.com
5
TYPICAL CHARACTERISTICS
Figure 12. Thermal Impedance
(Junction−to−Ambient)
PULSE TIME (sec)
10%
Duty Cycle = 50%
20%
5%
2%
1%
Single Pulse
0.001
0.01
0.1
1
10
100
1E−06
1E−05
1E−04
1E−03
1E−02
1E−01
1E+00
1E+01
1E+02
1E+03
RqJA Steady State = 40°C/W
PCB Cu Area = 650 mm2
PCB Cu Thk = 2 oz
Figure 13. Avalanche Characteristics
TIME IN AVALANCHE (s)
1.00E−02
1.00E−03
1
10
1.00E−04
100
TJ(initial) = 25°C
TJ(initial) = 100°C


Similar Part No. - NVMFS4C03NWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS4C03NWFT1G ONSEMI-NVMFS4C03NWFT1G Datasheet
85Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
More results

Similar Description - NVMFS4C03NWFT1G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com