Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS5C404NL Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS5C404NL
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS5C404NL Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS5C404NL Datasheet HTML 1Page - ON Semiconductor NVMFS5C404NL Datasheet HTML 2Page - ON Semiconductor NVMFS5C404NL Datasheet HTML 3Page - ON Semiconductor NVMFS5C404NL Datasheet HTML 4Page - ON Semiconductor NVMFS5C404NL Datasheet HTML 5Page - ON Semiconductor NVMFS5C404NL Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 2
1
Publication Order Number:
NVMFS5C404NL/D
NVMFS5C404NL
Power MOSFET
40 V, 0.75 m
W, 352 A, Single N−Channel
Features
Small Footprint (5x6 mm) for Compact Design
Low RDS(on) to Minimize Conduction Losses
Low QG and Capacitance to Minimize Driver Losses
NVMFS5C404NLWF − Wettable Flank Option for Enhanced Optical
Inspection
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free and are RoHS Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
40
V
Gate−to−Source Voltage
VGS
±16
V
Continuous Drain
Current RqJC
(Notes 1, 3)
Steady
State
TC = 25°C
ID
352
A
TC = 100°C
249
Power Dissipation
RqJC (Note 1)
TC = 25°C
PD
200
W
TC = 100°C
100
Continuous Drain
Current RqJA
(Notes 1, 2, 3)
Steady
State
TA = 25°C
ID
49
A
TA = 100°C
35
Power Dissipation
RqJA (Notes 1 & 2)
TA = 25°C
PD
3.9
W
TA = 100°C
1.9
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
+ 175
°C
Source Current (Body Diode)
IS
191
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 38 A)
EAS
907
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State
RqJC
0.75
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
39
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
MARKING
DIAGRAM
http://onsemi.com
XXXXXX
AYWZZ
V(BR)DSS
RDS(ON) MAX
ID MAX
40 V
0.75 m
W @ 10 V
352 A
1.0 m
W @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
S
S
S
G
D
D
D
D
DFN5
(SO−8FL)
CASE 488AA
STYLE 1
1
See detailed ordering, marking and shipping information in the
package dimensions section on page 5 of this data sheet.
ORDERING INFORMATION
XXXXXX = 5C404L
XXXXXX = (NVMFS5C404NL) or
XXXXXX = 404LWF
XXXXXX = (NVMFS5C404NLWF)
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceability


Similar Part No. - NVMFS5C404NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
128Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
NVMFS5C404NLAFT1G ONSEMI-NVMFS5C404NLAFT1G Datasheet
128Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
NVMFS5C404NLT1G ONSEMI-NVMFS5C404NLT1G Datasheet
128Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
NVMFS5C404NLT3G ONSEMI-NVMFS5C404NLT3G Datasheet
128Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
NVMFS5C404NLWFAFT1G ONSEMI-NVMFS5C404NLWFAFT1G Datasheet
128Kb / 6P
   Power MOSFET
February, 2017 ??Rev. 7
More results

Similar Description - NVMFS5C404NL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com