Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVMFS4C03N Datasheet(PDF) 1 Page - ON Semiconductor

Part # NVMFS4C03N
Description  Single N?묬hannel Power MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NVMFS4C03N Datasheet(HTML) 1 Page - ON Semiconductor

  NVMFS4C03N Datasheet HTML 1Page - ON Semiconductor NVMFS4C03N Datasheet HTML 2Page - ON Semiconductor NVMFS4C03N Datasheet HTML 3Page - ON Semiconductor NVMFS4C03N Datasheet HTML 4Page - ON Semiconductor NVMFS4C03N Datasheet HTML 5Page - ON Semiconductor NVMFS4C03N Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© Semiconductor Components Industries, LLC, 2014
September, 2014 − Rev. 1
1
Publication Order Number:
NVMFS4C03N/D
NVMFS4C03N
Power MOSFET
30 V, 2.1 m
W, 143 A, Single N−Channel
Logic Level, SO−8FL
Features
Small Footprint (5x6 mm) for Compact Design
Low RDS(on) to Minimize Conduction Losses
Low QG and Capacitance to Minimize Driver Losses
NVMFS4C03NWF − Wettable Flanks Option for Enhanced Optical
Inspection
AEC−Q101 Qualified and PPAP Capable
These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TJ = 25°C unless otherwise noted)
Parameter
Symbol
Value
Unit
Drain−to−Source Voltage
VDSS
30
V
Gate−to−Source Voltage
VGS
"20
V
Continuous Drain Cur-
rent RqJC (Notes 1, 2,
3)
Steady
State
TC = 25°C
ID
143
A
Power Dissipation
RqJC (Notes 1, 2)
TC = 25°C
PD
77
W
Continuous Drain Cur-
rent RqJA (Notes 1, 2,
3)
Steady
State
TA = 25°C
ID
31.4
A
Power Dissipation
RqJA (Notes 1, 2)
TA = 25°C
PD
3.71
W
Pulsed Drain Current
TA = 25°C, tp = 10 ms
IDM
900
A
Operating Junction and Storage Temperature
TJ, Tstg
− 55 to
175
°C
Source Current (Body Diode)
IS
64
A
Single Pulse Drain−to−Source Avalanche
Energy (IL(pk) = 11 A)
EAS
549
mJ
Lead Temperature for Soldering Purposes
(1/8
″ from case for 10 s)
TL
260
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
THERMAL RESISTANCE MAXIMUM RATINGS (Note 1)
Parameter
Symbol
Value
Unit
Junction−to−Case − Steady State (Note 2)
RqJC
1.95
°C/W
Junction−to−Ambient − Steady State (Note 2)
RqJA
40
1. The entire application environment impacts the thermal resistance values shown,
they are not constants and are only valid for the particular conditions noted.
2. Surface−mounted on FR4 board using a 650 mm2, 2 oz. Cu pad.
3. Maximum current for pulses as long as 1 second is higher but is dependent
on pulse duration and duty cycle.
SO−8 FLAT LEAD
CASE 488AA
STYLE 1
MARKING
DIAGRAM
http://onsemi.com
4C03xx
AYWZZ
1
V(BR)DSS
RDS(on) MAX
ID MAX
30 V
2.1 m
W @ 10 V
143 A
2.8 m
W @ 4.5 V
G (4)
S (1,2,3)
N−CHANNEL MOSFET
D (5,6)
S
S
S
G
D
D
D
D
Device
Package
Shipping
ORDERING INFORMATION
NVMFS4C03NT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS4C03NT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specifications
Brochure, BRD8011/D.
NVMFS4C03NWFT1G
SO−8 FL
(Pb−Free)
1500 /
Tape & Reel
NVMFS4C03NWFT3G
SO−8 FL
(Pb−Free)
5000 /
Tape & Reel
4C03N = Specific Device Code for
NVMFS4C03N
4C03WF= Specific Device Code of
NVMFS4C03NWF
A
= Assembly Location
Y
= Year
W
= Work Week
ZZ
= Lot Traceabililty


Similar Part No. - NVMFS4C03N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NVMFS4C03NT1G ONSEMI-NVMFS4C03NT1G Datasheet
85Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C03NT3G ONSEMI-NVMFS4C03NT3G Datasheet
85Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C03NWFT1G ONSEMI-NVMFS4C03NWFT1G Datasheet
85Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C03NWFT3G ONSEMI-NVMFS4C03NWFT3G Datasheet
85Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
NVMFS4C03N ONSEMI-NVMFS4C03N_16 Datasheet
85Kb / 6P
   Power MOSFET
April, 2016 ??Rev. 2
More results

Similar Description - NVMFS4C03N

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTMFS4H01N ONSEMI-NTMFS4H01N Datasheet
91Kb / 7P
   Power MOSFET Single N?묬hannel
April, 2014 ??Rev. 1
NVMFS5C404NL ONSEMI-NVMFS5C404NL Datasheet
80Kb / 6P
   Single N?묬hannel Power MOSFET
September, 2014 ??Rev. 2
NVMFS5C410N ONSEMI-NVMFS5C410N Datasheet
82Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NVMFS5C442N ONSEMI-NVMFS5C442N Datasheet
87Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2015 ??Rev. 1
NVMFS5C450N ONSEMI-NVMFS5C450N Datasheet
81Kb / 6P
   Single N?묬hannel Power MOSFET
August, 2015 ??Rev. 0
NTMFS4825NFE ONSEMI-NTMFS4825NFE Datasheet
115Kb / 6P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 1
NTMFS4933N ONSEMI-NTMFS4933N Datasheet
118Kb / 7P
   Single N?묬hannel Power MOSFET
May, 2012 ??Rev. 8
NTMFS6B14N ONSEMI-NTMFS6B14N Datasheet
76Kb / 6P
   Single N?묬hannel Power MOSFET
February, 2015 ??Rev. 1
NTMKE4894N ONSEMI-NTMKE4894N Datasheet
128Kb / 6P
   Single N?묬hannel Power MOSFET
January, 2011 ??Rev. 3
NTR4518N ONSEMI-NTR4518N Datasheet
74Kb / 6P
   Single N?묬hannel Power MOSFET
November, 2006 ??Rev. 0
logo
Dongguan Pingjingsemi T...
PJM60H04NTF PJSEMI-PJM60H04NTF Datasheet
967Kb / 7P
   Single N?묬hannel Power MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com