Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NCV78663DQ0G Datasheet(PDF) 1 Page - ON Semiconductor

Part # NCV78663DQ0G
Description  Power Ballast and Dual LED Driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV78663DQ0G Datasheet(HTML) 1 Page - ON Semiconductor

  NCV78663DQ0G Datasheet HTML 1Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 2Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 3Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 4Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 5Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 6Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 7Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 8Page - ON Semiconductor NCV78663DQ0G Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
© Semiconductor Components Industries, LLC, 2013
August, 2013 − Rev. 1
1
Publication Order Number:
NCV78663/D
NCV78663
Power Ballast and Dual LED
Driver for Automotive Front
Lighting
The NCV78663 is a single−chip and high efficient smart Power
ballast and Dual LED DRIVER designed for automotive front lighting
applications like high beam, low beam, daytime running light (DRL),
turn indicator, fog light, static cornering, and so on.
The NCV78663 is a best fit for high current LEDs and provides a
complete solution to drive two strings up to 60 V, by means of two
internal independent buck switch channels, with a minimum of
external components.
For each channel, the output current and voltage can be customized
according to the application requirements. Diagnostic feature for
automotive front lighting is provided on−chip.
The device integrates a voltage booster controller, realizing a unique
input current filter with a limited number of externals.
The NCV78663 can be used in stand−alone mode or together with a
companion microcontroller allowing maximum flexibility. Depending
on the voltage and current of the connected LED string, the LED
ballast parameters can be adapted by writing the SPI settings in the
device, as such that no hardware changes are required.
Features
Single Chip Boost−Buck Solution
Two Independent LED Strings Up to 60 V
High Overall Efficiency
Minimum of External Components
Active Input Filter with Low Current Ripple from Battery
Integrated Switched Mode Buck Current Regulator
Two Integrated Buck Switches with 1.4 A Peak Current Capability
Integrated Boost Controller
Programmable Input Current Limitation
Average Current Regulation Through the LEDs
High Operating Switching Frequencies to Reduce Inductor Sizes
Integrated PWM Dimming with Wide Frequency Range
Low EMC Emission for LED Switching and Dimming
SPI Interface for Optional External mC and Dynamic Control of
System Parameters
This is a Pb−Free Device
Typical Applications
High Beam
Low Beam
DRL
Position or Park light
Turn Indicator
Fog Light
Static Cornering
A
= Assembly Location
WL
= Wafer Lot
YY
= Year
WW = Work Week
G
= Pb−Free Package
MARKING
DIAGRAM
http://onsemi.com
See detailed ordering and shipping information in the package
dimensions section on page 36 of this data sheet.
ORDERING INFORMATION
SSOP36 EP
CASE 940AB
NCV78663−0
AWLYYWWG


Similar Part No. - NCV78663DQ0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV7800 ONSEMI-NCV7800 Datasheet
295Kb / 33P
   1.0 A Positive Voltage Regulators
July, 2010 ??Rev. 21
NCV7800 ONSEMI-NCV7800 Datasheet
269Kb / 34P
   1.0 A Positive Voltage Regulators
April, 2012 ??Rev. 25
NCV7800 ONSEMI-NCV7800 Datasheet
217Kb / 31P
   1.0 A Positive Voltage Regulators
November, 2014 ??Rev. 27
NCV7800 ONSEMI-NCV7800 Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
NCV7805AB ONSEMI-NCV7805AB Datasheet
439Kb / 28P
   Voltage Regulators - Positive 1.0 A
November, 2021 - Rev. 29
More results

Similar Description - NCV78663DQ0G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV78763 ONSEMI-NCV78763 Datasheet
529Kb / 49P
   Power Ballast and Dual LED Driver
February, 2015 ??Rev. 3
NCV78763 ONSEMI-NCV78763_18 Datasheet
575Kb / 48P
   Power Ballast and Dual LED Driver
March, 2018 ??Rev. 6A
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
822Kb / 1P
   LED Driver & Ballast Surge Protectors, Enhanced
BSP3-120 ETC2-BSP3-120 Datasheet
861Kb / 3P
   LED Driver & Ballast Surge Protectors, Enhanced
logo
Protek Devices
PBSP-120-20K PROTEC-PBSP-120-20K Datasheet
264Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
List of Unclassifed Man...
BSP3-120(LC) ETC2-BSP3-120(LC) Datasheet
765Kb / 1P
   3-Pole LED Driver & Ballast Surge Protectors
logo
Protek Devices
PBSP-120-10K PROTEC-PBSP-120-10K Datasheet
262Kb / 5P
   3 POLE LED DRIVER & BALLAST PROTECTION MODULE
logo
Hubbell Incorporated.
BSP3 HUBBELL-BSP3 Datasheet
795Kb / 2P
   3-Pole LED Driver & Ballast Surge Protectors
Rev 09-30-2019
logo
STMicroelectronics
L6574 STMICROELECTRONICS-L6574 Datasheet
169Kb / 10P
   CFL/TL BALLAST DRIVER PREHEAT AND DIMMING
logo
List of Unclassifed Man...
BSP3-120 ETC2-BSP3-120 Datasheet
761Kb / 1P
   3-Pole LED Driver Ballast Surge Protectors, Enhanced
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com