Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GD25LQ64 Datasheet(PDF) 44 Page - ELM Electronics

Part # GD25LQ64
Description  1.8V Uniform Sector Dual and Quad Serial Flash
Download  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ELM [ELM Electronics]
Direct Link  http://www.elmelectronics.com
Logo ELM - ELM Electronics

GD25LQ64 Datasheet(HTML) 44 Page - ELM Electronics

Back Button GD25LQ64 Datasheet HTML 40Page - ELM Electronics GD25LQ64 Datasheet HTML 41Page - ELM Electronics GD25LQ64 Datasheet HTML 42Page - ELM Electronics GD25LQ64 Datasheet HTML 43Page - ELM Electronics GD25LQ64 Datasheet HTML 44Page - ELM Electronics GD25LQ64 Datasheet HTML 45Page - ELM Electronics GD25LQ64 Datasheet HTML 46Page - ELM Electronics GD25LQ64 Datasheet HTML 47Page - ELM Electronics GD25LQ64 Datasheet HTML 48Page - ELM Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 62 page
background image
44
Rev.1.0
62 -
http://www.elm-tech.com
GD25LQ64CxIGx 1.8V Uniform Sector Dual and Quad Serial Flash
7.29. Program Security Registers (42H)
The Program Security Registers command is similar to the Page Program command. It allows from 1 to 1024
bytes Security Registers data to be programmed. A Write Enable (WREN) command must previously have been
executed to set the Write Enable Latch (WEL) bit before sending the Program Security Registers command. The
Program Security Registers command is entered by driving CS# Low, followed by the command code (42H),
three address bytes and at least one data byte on SI. As soon as CS# is driven high, the self-timed Program
Security Registers cycle (whose duration is tPP) is initiated. While the Program Security Registers cycle is in
progress, the Status Register may be read to check the value of the Write in Progress (WIP) bit. The Write in
Progress (WIP) bit is 1 during the self-timed Program Security Registers cycle, and is 0 when it is completed. At
some unspecified time before the cycle is completed, the Write Enable Latch (WEL) bit is reset.
If the Security Registers Lock Bit (LB3-1) is set to 1, the Security Registers will be permanently locked.
Program Security Registers command will be ignored.
Address
A23-16
A15-12
A11-10
A9-0
Security Register #1
00H
0 0 0 1
0 0
Do not care
Security Register #2
00H
0 0 1 0
0 0
Do not care
Security Register #3
00H
0 0 1 1
0 0
Do not care
Figure 31. Program Security Registers command Sequence Diagram
Command
0 1 2 3 4 5 6 7
42H
CS#
SCLK
SI
8 9 10
28 29 30 31
3 2 1 0
23 22 21
24-bit address
42 43 44 45
41
46 47
40
50 51 52 53
49
54 55
48
6 5 4 3 2 1 0
7
CS#
SCLK
SI
MSB
Data Byte 2
32 33 34 35
7 6 5 4 3 2 1 0
MSB
6 5 4 3 2 1 0
7
6 5 4 3 2 1 0
7
Data Byte 1
Data Byte 3
Data Byte 256
MSB
MSB
MSB
36 37 38 39


Similar Part No. - GD25LQ64

ManufacturerPart #DatasheetDescription
logo
ELM Electronics
GD25LQ64C ELM-GD25LQ64C Datasheet
3Mb / 62P
   64M-bit Serial Flash
logo
ELM Technology Corporat...
GD25LQ64C ELM-TECH-GD25LQ64C Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ64C GIGADEVICE-GD25LQ64C Datasheet
4Mb / 28P
   MCU
GD25LQ64C GIGADEVICE-GD25LQ64C Datasheet
1Mb / 77P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ64CQEG GIGADEVICE-GD25LQ64CQEG Datasheet
1Mb / 77P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results

Similar Description - GD25LQ64

ManufacturerPart #DatasheetDescription
logo
ELM Technology Corporat...
GD25LQ40XIGX ELM-TECH-GD25LQ40XIGX Datasheet
3Mb / 59P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ64CXIGX ELM-TECH-GD25LQ64CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25LQ128 ELM-GD25LQ128 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
GigaDevice Semiconducto...
GD25LQ05C GIGADEVICE-GD25LQ05C Datasheet
1Mb / 78P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32D GIGADEVICE-GD25LQ32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ256D GIGADEVICE-GD25LQ256D Datasheet
1Mb / 85P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LR128D GIGADEVICE-GD25LR128D Datasheet
1Mb / 68P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LB128D GIGADEVICE-GD25LB128D Datasheet
1Mb / 75P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LE32D GIGADEVICE-GD25LE32D Datasheet
1Mb / 72P
   1.8V Uniform Sector Dual and Quad Serial Flash
logo
ELM Electronics
GD25QL32CXIGX ELM-GD25QL32CXIGX Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
GD25LQ32 ELM-GD25LQ32 Datasheet
3Mb / 62P
   1.8V Uniform Sector Dual and Quad Serial Flash
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com