Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8142BV Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8142BV
Description  EL Sheet Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8142BV Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8142BV Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 6Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 7Page - Nippon Precision Circuits Inc SM8142BV Datasheet HTML 8Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
SM8142
NIPPON PRECISION CIRCUITS—4
SPECIFICATIONS
Absolute Maximum Ratings
Recommended Operating Conditions
P arameter
S y m b o l
Condition
Rating
Unit
Supply voltage range
V DD
− 0.3 to 7.0
V
Input voltage range
V IN
All Input pins
V SS − 0.3 to V DD + 0.3
V
Output voltage
V CHV
CHV pin
0.5 to 120
V
V LDR
LDR pin
0.5 to 120
V
V OUT1/2
OUT1 , OUT2 pin
0.5 to 120
V
P ow er dissipation
P D
Ta ≤ 85 °C
100
m W
Storage temperature range
T stg
− 55 to 125
°C
P arameter
S y m b o l
Condition
Rating
Unit
min
typ
m a x
Supply voltage range
V DD2
1.6
3.0
5.5
V
O p e rating temperature
TOPR
− 40
8 5
°C
O p e rating current1
1. Max value is as same as Absolute Maximum Ratings.
IDD2
Including coil current, V DD = 3.0V
6 0
mA
Including coil current, V DD = 5.0V
3 6
Coil inductance
L LDR2
fLDR = 64 kHz
0.47
m H


Similar Part No. - SM8142BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8142B NPC-SM8142B Datasheet
319Kb / 8P
   Noise-less smooth drive waveform
More results

Similar Description - SM8142BV

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
   EL Sheet Driver
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
   EL Sheet Driver
SM8144B NPC-SM8144B Datasheet
69Kb / 6P
   EL Sheet Driver
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
   EL Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
   Dual EL Driver
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
logo
Nippon Precision Circui...
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
   EL Driver IC
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com