Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM8144B Datasheet(PDF) 4 Page - Nippon Precision Circuits Inc

Part # SM8144B
Description  EL Sheet Driver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NPC [Nippon Precision Circuits Inc]
Direct Link  http://www.npc.co.jp/en
Logo NPC - Nippon Precision Circuits Inc

SM8144B Datasheet(HTML) 4 Page - Nippon Precision Circuits Inc

  SM8144B Datasheet HTML 1Page - Nippon Precision Circuits Inc SM8144B Datasheet HTML 2Page - Nippon Precision Circuits Inc SM8144B Datasheet HTML 3Page - Nippon Precision Circuits Inc SM8144B Datasheet HTML 4Page - Nippon Precision Circuits Inc SM8144B Datasheet HTML 5Page - Nippon Precision Circuits Inc SM8144B Datasheet HTML 6Page - Nippon Precision Circuits Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SM8144B
NIPPON PRECISION CIRCUITS—4
DC Characteristics
VDD = 3.0 V, Ta = 25 °C unless otherwise noted.
P arameter
Symbol
Condition
Rating
Unit
min
typ
m a x
Supply voltage
V DD
1.6
3.0
5.5
V
CHV output voltage
V CHV
0.5
1 0 0
V
OUT1, OUT2 HIGH-level output voltage
V OUTH
100
V
OUT1, OUT2 LOW -level output voltage
V OUTL
0.5
V
LDR output resistance
R LDR
ILDR = 50 mA
3.5
5.25
OSC oscillator frequency
fOSC1
R OSC = 180 kΩ
205
256
307
kHz
OSC oscillator frequency range
fOSC2
32
1536
OUT1, OUT2 output frequency
fOUT1
R OSC = 180 kΩ
200
250
300
Hz
OUT1, OUT2 output frequency range
fOUT2
31
1500
LDR inductance driver frequency
fLDR1
R OSC = 180 kΩ
51
64
77
kHz
LDR inductance driver frequency range
fLDR2
8
384
ENA HIGH-level input voltage
V ENAH
ENA = HIGH, V DD = 1.6 to 5.5V
V DD – 0.5
V DD + 0.3
V
ENA LO W -level input voltage
V ENAL
ENA = LOW , V DD = 1.6 to 5.5V
V SS – 0.3
V SS + 0.5
ENA input current
IENAH
V ENAH = V DD = 3.0V
2.0
4.0
6.0
µA
ENA r ise time1
1.
tENA
100
µs
Operating current
IDD1
Excluding coil current
1.0
m A
Stand-by current
ISTB
ENA = LOW
1.0
µA
tENA
VSS
VDD
VDD
− 0.5
VSS + 0.5
ENA


Similar Part No. - SM8144B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
SM8140AM NPC-SM8140AM Datasheet
66Kb / 6P
   EL Driver IC
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
   EL Sheet Driver
SM8141AV NPC-SM8141AV Datasheet
81Kb / 8P
   EL Sheet Driver
SM8141BV NPC-SM8141BV Datasheet
81Kb / 8P
   EL Sheet Driver
More results

Similar Description - SM8144B

ManufacturerPart #DatasheetDescription
logo
Nippon Precision Circui...
SM8143A NPC-SM8143A Datasheet
75Kb / 6P
   EL Sheet Driver
SM8142 NPC-SM8142 Datasheet
102Kb / 8P
   EL Sheet Driver
SM8141 NPC-SM8141 Datasheet
81Kb / 8P
   EL Sheet Driver
SM8143A NPC-SM8143A_06 Datasheet
115Kb / 8P
   EL Driver
SM8145A NPC-SM8145A Datasheet
112Kb / 7P
   Dual EL Driver
SM8140A NPC-SM8140A Datasheet
66Kb / 6P
   EL Driver IC
logo
Supertex, Inc
HV857DB1 SUTEX-HV857DB1 Datasheet
437Kb / 2P
   EL Lamp Driver
logo
Nippon Precision Circui...
SM8146AD1 NPC-SM8146AD1 Datasheet
304Kb / 19P
   EL Driver IC
logo
Supertex, Inc
HV833DB1 SUTEX-HV833DB1 Datasheet
38Kb / 2P
   EL Lamp Driver
logo
TOKO, Inc
TK6592X TOKO-TK6592X Datasheet
199Kb / 20P
   MEDIUM EL LAMP DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com