Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ELM75 Datasheet(PDF) 12 Page - ELM Electronics

Part No. ELM75
Description  CMOS Small package voltage detector
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM [ELM Electronics]
Homepage  http://www.elmelectronics.com
Logo 

ELM75 Datasheet(HTML) 12 Page - ELM Electronics

 
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
12
Rev.1.2
13 -
■Output current characteristics
ELM75xxxxxC CMOS Small package voltage detector
Output current characteristics
ELM75xxxxC
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
IoutN - Vds
Vds (V)
Vdd=0.85V
Vdd=0.8V
Top=25℃
-40.0 -20.0
0
20.0 40.0 60.0 80.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IoutN - Top
Top (℃)
Vdd=0.85V
Vdd=0.8V
Vds=0.4V
0
0.2
0.4
0.6
0.8
1.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
IoutN - Vds
Vds (V)
Vdd=1.2V
Vdd=1.0V
Vdd=1.4V
Top=25℃
-40.0 -20.0
0
20.0 40.0 60.0 80.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
IoutN - Top
Top (℃)
Vdd=1.4V
Vdd=1.0V
Vds=0.4V
Vdd=1.2V
ELM75xxCxC
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
IoutP - Vds
Vds (V)
Vdd=4.5V
Vdd=3.0V
Vdd=6.0V
Top=25℃
-40.0 -20.0
0
20.0 40.0 60.0 80.0
0
0.5
1.0
1.5
2.0
2.5
IoutP - Top
Top (℃)
Vdd=6.0V
Vdd=3.0V
Vds=0.4V
Vdd=4.5V
Output current characteristics
ELM75xxxxC
0
0.2
0.4
0.6
0.8
1.0
0
0.2
0.4
0.6
0.8
1.0
1.2
IoutN - Vds
Vds (V)
Vdd=0.85V
Vdd=0.8V
Top=25℃
-40.0 -20.0
0
20.0 40.0 60.0 80.0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
IoutN - Top
Top (℃)
Vdd=0.85V
Vdd=0.8V
Vds=0.4V
0
0.2
0.4
0.6
0.8
1.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
IoutN - Vds
Vds (V)
Vdd=1.2V
Vdd=1.0V
Vdd=1.4V
Top=25℃
-40.0 -20.0
0
20.0 40.0 60.0 80.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
IoutN - Top
Top (℃)
Vdd=1.4V
Vdd=1.0V
Vds=0.4V
Vdd=1.2V
ELM75xxCxC
0
0.5
1.0
1.5
2.0
2.5
3.0
0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
IoutP - Vds
Vds (V)
Vdd=4.5V
Vdd=3.0V
Vdd=6.0V
Top=25℃
-40.0 -20.0
0
20.0 40.0 60.0 80.0
0
0.5
1.0
1.5
2.0
2.5
IoutP - Top
Top (℃)
Vdd=6.0V
Vdd=3.0V
Vds=0.4V
Vdd=4.5V


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn