Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ELM75 Datasheet(PDF) 4 Page - ELM Electronics

Part No. ELM75
Description  CMOS Small package voltage detector
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ELM [ELM Electronics]
Homepage  http://www.elmelectronics.com
Logo 

ELM75 Datasheet(HTML) 4 Page - ELM Electronics

 
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
Rev.1.2
13 -
■Electrical characteristics
ELM75xxxxxC CMOS Small package voltage detector
Top=25°C
* Note: test circuit No., IoutP is applied only for CMOS output products.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note*
Detection voltage
VdetN
1.078
1.100
1.122
V
2
Hysteresis width
Vhys
VdetN×
0.02
VdetN×
0.04
VdetN×
0.08
V
2
Current consumption
Iss
Vdd=2.1V
0.4
1.8
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
IoutN1 Vdd=0.8V, Vds=0.4V
0.01
0.50
mA
3-(1)
IoutN2 Vdd=1.0V, Vds=0.4V
0.50
2.70
IoutP* Vdd=1.5V, Vds=0.4V
0.10
0.30
mA
3-(2)
Delay time
tPLH Vdd=0.8V to 1.5V
20
μs
4
tPHL Vdd=1.5V to 0.8V
60
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
±100
ppm/°C
VdetN=1.1V(ELM7511xxxC)
Top=25°C
* Note: test circuit No., IoutP is applied only for CMOS output products.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note*
Detection voltage
VdetN
2.156
2.200
2.244
V
2
Hysteresis width
Vhys
VdetN×
0.02
VdetN×
0.05
VdetN×
0.08
V
2
Current consumption
Iss
Vdd=3.2V
0.4
1.8
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
IoutN1 Vdd=0.8V, Vds=0.4V
0.01
0.50
mA
3-(1)
IoutN2 Vdd=1.0V, Vds=0.4V
0.50
2.70
IoutP* Vdd=3.0V, Vds=0.4V
0.60
1.20
mA
3-(2)
Delay time
tPLH Vdd=0.8V to 3.0V
60
μs
4
tPHL Vdd=3.0V to 0.8V
150
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
±100
ppm/°C
VdetN=2.2V(ELM7522xxxC)
Top=25°C
* Note: test circuit No., IoutP is applied only for CMOS output products.
Parameter
Symbol
Condition
Min.
Typ.
Max.
Unit Note*
Detection voltage
VdetN
2.352
2.400
2.448
V
2
Hysteresis width
Vhys
VdetN×
0.02
VdetN×
0.05
VdetN×
0.08
V
2
Current consumption
Iss
Vdd=3.4V
0.4
1.8
μA
1
Power voltage
Vdd
0.8
6.0
V
2
Output current
IoutN1 Vdd=0.8V, Vds=0.4V
0.01
0.50
mA
3-(1)
IoutN2 Vdd=1.0V, Vds=0.4V
0.50
2.70
IoutP* Vdd=3.0V, Vds=0.4V
0.60
1.20
mA
3-(2)
Delay time
tPLH Vdd=0.8V to 3.0V
60
μs
4
tPHL Vdd=3.0V to 0.8V
150
Temperature
characteristic of VdetN
ΔVdetN
ΔTop Top=-40°C to +85°C
±100
ppm/°C
VdetN=2.4V(ELM7524xxxC)


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn