Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RD0504T-H Datasheet(PDF) 2 Page - ON Semiconductor

Part # RD0504T-H
Description  Planar Ultrafast Rectifier
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

RD0504T-H Datasheet(HTML) 2 Page - ON Semiconductor

  RD0504T-H Datasheet HTML 1Page - ON Semiconductor RD0504T-H Datasheet HTML 2Page - ON Semiconductor RD0504T-H Datasheet HTML 3Page - ON Semiconductor RD0504T-H Datasheet HTML 4Page - ON Semiconductor RD0504T-H Datasheet HTML 5Page - ON Semiconductor RD0504T-H Datasheet HTML 6Page - ON Semiconductor RD0504T-H Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
RD0504T
No. A1851-2/7
Electrical Characteristics at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Reverse Voltage
VR
IR=1mA
400
V
Forward Voltage
VF
IF=5A
1.2
1.5
V
Reverse Current
IR
VR=400V
20
μA
Reverse Recovery Time
trr1IF=5A, di / dt=100A/μs40
50
ns
trr2IF=0.5A, IR=1A
17
ns
Thermal Resistance
Rth(j-c)
Junction -Case
6
°C / W
Ordering Information
Device
Package
Shipping
memo
RD0504T-H
TP
500pcs./bag
Pb Free and halogen Free
RD0504T-TL-H
TP-FA
700pcs./reel
C -- VR
Reverse Voltage, VR -- V
IF -- VF
Forward Voltage, VF -- V
Reverse Voltage, VR -- V
IR -- VR
IFSM -- t
Time, t -- s
15
20
25
30
40
35
45
0.01
23
7 0.1
52
3
2
7 1.0
5
IT14718
0
IT15987
IT15988
0.001
0.01
0.1
1.6
1.4
1.0
1.2
0.8
0.6
0.2
0.4
0
450
400
200
100
150
250
300
350
50
1E-03
1E-01
1E-02
1E+00
1E+01
1E+02
1E+03
Ta=150°C
100°C
75
°C
50°C
25°C
1.0
10
125°C
IT15989
2
7
5
10
100
1.0
2
3
2
3
5
7
35 7
2
3
5 7
1.0
23
5 7
10
100
0.1
f=1MHz


Similar Part No. - RD0504T-H

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
RD0504T-H SANYO-RD0504T-H Datasheet
445Kb / 7P
   Low VF . High-Speed Switching Diode
More results

Similar Description - RD0504T-H

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
UD1006FR ONSEMI-UD1006FR Datasheet
205Kb / 5P
   Planar Ultrafast Rectifier
September, 2013
RD0106T ONSEMI-RD0106T Datasheet
369Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
RD0506T ONSEMI-RD0506T Datasheet
370Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
UD2006FR ONSEMI-UD2006FR Datasheet
149Kb / 3P
   Planar Ultrafast Rectifier
September, 2013
RD2006FR ONSEMI-RD2006FR Datasheet
247Kb / 6P
   Planar Ultrafast Rectifier
September, 2013
UD0506T ONSEMI-UD0506T Datasheet
370Kb / 7P
   Planar Ultrafast Rectifier
September, 2013
RD0506LS-SB ONSEMI-RD0506LS-SB Datasheet
204Kb / 5P
   Planar Ultrafast Rectifier
May, 2013
logo
GOOD-ARK Electronics
MUR1540F GOOD-ARK-MUR1540F Datasheet
297Kb / 4P
   Ultrafast Recovery Planar Diode
MURB2040CT GOOD-ARK-MURB2040CT Datasheet
659Kb / 4P
   Ultrafast Recovery Planar Diode
MURD1060 GOOD-ARK-MURD1060 Datasheet
393Kb / 4P
   Ultrafast Recovery Planar Diode
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com