Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMFT3055VL Datasheet(PDF) 5 Page - ON Semiconductor

Part # MMFT3055VL
Description  Power MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MMFT3055VL Datasheet(HTML) 5 Page - ON Semiconductor

  MMFT3055VL Datasheet HTML 1Page - ON Semiconductor MMFT3055VL Datasheet HTML 2Page - ON Semiconductor MMFT3055VL Datasheet HTML 3Page - ON Semiconductor MMFT3055VL Datasheet HTML 4Page - ON Semiconductor MMFT3055VL Datasheet HTML 5Page - ON Semiconductor MMFT3055VL Datasheet HTML 6Page - ON Semiconductor MMFT3055VL Datasheet HTML 7Page - ON Semiconductor MMFT3055VL Datasheet HTML 8Page - ON Semiconductor MMFT3055VL Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
MMFT3055VL
http://onsemi.com
5
DRAIN−TO−SOURCE DIODE CHARACTERISTICS
0.6 0.625
0.675
0.775
VSD, SOURCE−TO−DRAIN VOLTAGE (VOLTS)
Figure 8. Gate−To−Source and Drain−To−Source
Voltage versus Total Charge
Figure 9. Resistive Switching Time
Variation versus Gate Resistance
RG, GATE RESISTANCE (OHMS)
1
10
100
VDD = 30 V
ID = 1.5 A
VGS = 5 V
TJ = 25°C
tf
td(off)
VGS = 0 V
TJ = 25°C
0
QT, TOTAL CHARGE (nC)
23
4
5
ID = 1.5 A
TJ = 25°C
VGS
0
1.2
1.6
1000
100
10
1
10
6
2
0
1
8
4
30
27
24
21
18
15
0
VDS
6
0.8
0.65
0.7 0.725
0.4
0.75
QT
Q1
Q2
Q3
7
1
td(on)
tr
Figure 10. Diode Forward Voltage versus Current
7
3
9
5
12
3
6
9
1
1.4
0.6
0.2
0.8
89
10
0.825 0.85
SAFE OPERATING AREA
The Forward Biased Safe Operating Area curves define
the maximum simultaneous drain−to−source voltage and
drain current that a transistor can handle safely when it is
forward biased. Curves are based upon maximum peak
junction temperature and a case temperature (TC) of 25°C.
Peak repetitive pulsed power limits are determined by using
the thermal response data in conjunction with the procedures
discussed
in
AN569,
“Transient
Thermal
Resistance−General Data and Its Use.”
Switching between the off−state and the on−state may
traverse any load line provided neither rated peak current
(IDM) nor rated voltage (VDSS) is exceeded and the
transition time (tr,tf) do not exceed 10 μs. In addition the total
power averaged over a complete switching cycle must not
exceed (TJ(MAX) − TC)/(RθJC).
A Power MOSFET designated E−FET can be safely used
in switching circuits with unclamped inductive loads. For
reliable operation, the stored energy from circuit inductance
dissipated in the transistor while in avalanche must be less
than the rated limit and adjusted for operating conditions
differing from those specified. Although industry practice is
to rate in terms of energy, avalanche energy capability is not
a constant. The energy rating decreases non−linearly with an
increase of peak current in avalanche and peak junction
temperature.
Although many E−FETs can withstand the stress of
drain−to−source avalanche at currents up to rated pulsed
current (IDM), the energy rating is specified at rated
continuous current (ID), in accordance with industry
custom. The energy rating must be derated for temperature
as shown in the accompanying graph (Figure 13). Maximum
energy at currents below rated continuous ID can safely be
assumed to equal the values indicated.


Similar Part No. - MMFT3055VL

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MMFT3055VL MOTOROLA-MMFT3055VL Datasheet
224Kb / 10P
   TMOS POWER FET 1.5 AMPERES 60 VOLT
More results

Similar Description - MMFT3055VL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
   Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
   Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Fuji Electric
2SK2052-R FUJI-2SK2052-R Datasheet
146Kb / 10P
   Power MOSFET
2SK2100-01MR FUJI-2SK2100-01MR Datasheet
159Kb / 11P
   Power MOSFET
2SK1390-R FUJI-2SK1390-R Datasheet
341Kb / 10P
   Power MOSFET
2SK2849-01L FUJI-2SK2849-01L Datasheet
224Kb / 12P
   Power MOSFET
logo
International Rectifier
IRLIZ44N IRF-IRLIZ44N Datasheet
105Kb / 8P
   Power MOSFET
logo
Fuji Electric
2SK3523-01R FUJI-2SK3523-01R Datasheet
356Kb / 19P
   POWER MOSFET
2SK903 FUJI-2SK903 Datasheet
161Kb / 10P
   POWER MOSFET
logo
Torex Semiconductor
XP135A1145SR TOREX-XP135A1145SR Datasheet
66Kb / 5P
   POWER MOSFET
logo
List of Unclassifed Man...
CMT10N40 ETC1-CMT10N40 Datasheet
158Kb / 5P
   POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com