Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV8702V Datasheet(PDF) 3 Page - ON Semiconductor

Part # LV8702V
Description  PWM Current Control High-efficient Stepper Motor Driver
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LV8702V Datasheet(HTML) 3 Page - ON Semiconductor

  LV8702V Datasheet HTML 1Page - ON Semiconductor LV8702V Datasheet HTML 2Page - ON Semiconductor LV8702V Datasheet HTML 3Page - ON Semiconductor LV8702V Datasheet HTML 4Page - ON Semiconductor LV8702V Datasheet HTML 5Page - ON Semiconductor LV8702V Datasheet HTML 6Page - ON Semiconductor LV8702V Datasheet HTML 7Page - ON Semiconductor LV8702V Datasheet HTML 8Page - ON Semiconductor LV8702V Datasheet HTML 9Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
LV8702V
www.onsemi.com
3
Continued from preceding page.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Current
selection
reference
voltage level
quarter step
Vtdac0_W
Step0 (initial status, 1ch comparator level)
290
300
310
mV
Vtdac1_W
Step1 (initial + 1)
264
276
288
mV
Vtdac2_W
Step2 (initial + 2)
199
210
221
mV
Vtdac3_W
Step3 (initial + 3)
106
114
122
mV
half step
Vtdac0_H
Step0 (initial status, 1ch comparator level)
290
300
310
mV
Vtdac2_H
Step2 (initial + 1)
199
210
221
mV
half step
(full-torque)
Vtdac0_HF
Step0 (initial status, 1ch comparator level)
290
300
310
mV
Vtdac2’_HF
Step2’ (initial + 1)
290
300
310
mV
full step
Vtdac2’_F
Step2’ (initial status, 1ch comparator level)
290
300
310
mV
Chopping frequency
Fchop
Cchop = 200pF
35
50
65
kHz
CHOP pin charge/discharge
current
Ichop
7
10
13
A
Chopping oscillator circuit
threshold voltage
Vtup
0.8
1
1.2
V
Vtdown
0.4
0.5
0.6
V
VREF pin input current
Iref
VREF = 1.5V
0.5
A
DST1, DST2, MONI,
SST pin saturation voltage
Idst1 = Idst2 = Imoni = Isst = 1mA
400
mV
Charge pump
VG output voltage
VG
28
28.7
29.8
V
Rise time
tONG
VG = 0.1
F , Between CP1-CP2 0.1uF
ST=”H” → VG=VM+4V
0.5
mS
Oscillator frequency
Fosc
90
125
160
kHz
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product performance may not be
indicated by the Electrical Characteristics if operated under different conditions.


Similar Part No. - LV8702V

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV8702V SANYO-LV8702V Datasheet
351Kb / 24P
   PWM Current Control High-efficient Stepping Motor Driver
More results

Similar Description - LV8702V

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LV8741V ONSEMI-LV8741V Datasheet
377Kb / 28P
   PWM Current Control Stepper Motor Driver
June 2015 - Rev. 2
LV8740V ONSEMI-LV8740V Datasheet
368Kb / 25P
   PWM Current Control Stepper Motor Driver
April, 2013
logo
Sanyo Semicon Device
LV8702V SANYO-LV8702V Datasheet
351Kb / 24P
   PWM Current Control High-efficient Stepping Motor Driver
logo
ON Semiconductor
LV8734V ONSEMI-LV8734V Datasheet
310Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8735V ONSEMI-LV8735V Datasheet
366Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
April, 2013
LV8729V ONSEMI-LV8729V Datasheet
543Kb / 21P
   PWM Constant-Current Control Stepper Motor Driver
June, 2014
LV8732V-TLM-H ONSEMI-LV8732V-TLM-H Datasheet
327Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8746V ONSEMI-LV8746V Datasheet
362Kb / 24P
   PWM Constant-Current Control Stepper Motor Driver
July, 2013
LV8731V-TLM-H ONSEMI-LV8731V-TLM-H Datasheet
331Kb / 26P
   PWM Constant-Current Control Stepper Motor Driver
June, 2013
LV8740V ONSEMI-LV8740V_13 Datasheet
368Kb / 25P
   PWM Cuttent Control Stepper Motor Driver
April, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com