Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB1945D Datasheet(PDF) 2 Page - ON Semiconductor

Part # LB1945D
Description  Stepping Motor Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB1945D Datasheet(HTML) 2 Page - ON Semiconductor

  LB1945D Datasheet HTML 1Page - ON Semiconductor LB1945D Datasheet HTML 2Page - ON Semiconductor LB1945D Datasheet HTML 3Page - ON Semiconductor LB1945D Datasheet HTML 4Page - ON Semiconductor LB1945D Datasheet HTML 5Page - ON Semiconductor LB1945D Datasheet HTML 6Page - ON Semiconductor LB1945D Datasheet HTML 7Page - ON Semiconductor LB1945D Datasheet HTML 8Page - ON Semiconductor LB1945D Datasheet HTML 9Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
LB1945D
No.7633-2/9
Recommended Operating Range at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Motor supply voltage
VBB
10 to 28
V
Logic system supply voltage
VCC
4.75 to 5.25
V
Reference voltage
VREF
1.5 to 5.0
V
Electrical Characteristics at Ta
= 25°C, VBB = 24V, VCC = 5V, VREF = 5V
Ratings
Parameter
Symbol
Conditions
min
typ
max
Unit
Output block
Output stage supply current
IBB ON
IBB OFF
I1 = 0.8V, I2 = 0.8V, ENABLE = 0.8V
ENABLE = 3.2V
0.5
1.0
2.0
0.2
mA
Output saturation voltage 1
VO sat1
IO = +0.5A, sink side
0.3
0.5
V
Output saturation voltage 2
VO sat2
IO = +0.8A, sink side
0.5
0.7
V
Output saturation voltage 3
VO sat3
IO = -0.5A, source side
1.6
1.8
V
Output saturation voltage 4
VO sat4
IO = -0.8A, source side
1.8
2.0
V
Output leakage current
VO1(leak)
VO2(leak)
VO = VBB, sink side
VO = 0V, source side
-50
50
μA
Output sustain voltage
VSUS
L = 3.9mH, IO = 1.0A*
30
V
Logic block
Logic supply current
ICC ON
ICC OFF
I1 = 0.8V, I2 = 0.8V, ENABLE = 0.8V
ENABLE = 3.2V
50
7
70.0
10.0
92
13
mA
Input voltage
VIH
VIL
3.2
1.8
V
Input current
IIH
IIL
VIH = 3.2V
VIL = 0.8V
35
7
50
10
65
13
μA
Set current control threshold
value
VREF/
VSEN
I1 = 0.8V, I2 = 0.8V
I1 = 3.2V, I2 = 0.8V
I1 = 0.8V, I2 = 3.2V
9.5
13.5
25.5
10
15
30
10.5
16.5
34.5
Reference current
IREF
VREF = 5.0V, I1 = 0.8V, I2 = 0.8V
17.5
25
32.5
μA
CR pin current
ICR
CR = 1.0V
-1.0
μA
Thermal shutdown temperature
TS
170
°C
Thermal shutdown hysteresis
TSHY
40
°C
*: The design specification items are design guarantees and are not measured.
Package Dimensions
unit:mm (typ)
3147C
SANYO : DIP28H(500mil)
1
14
28
15
0.6
26.75
20.0
R1.7
(1.81)
1.78
1.0
0
2.5
3.0
2.8
1.5
0.5
1.0
2.0
3.5
-20
100
80
60
20
40
0
1.34
Ambient temperature, Ta – °C
Pd max – Ta
Independent IC


Similar Part No. - LB1945D

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB1945D SANYO-LB1945D Datasheet
109Kb / 9P
   Stepping Motor Driver
LB1945D SANYO-LB1945D Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
LB1945D SANYO-LB1945D_09 Datasheet
105Kb / 9P
   PWM Current Control Stepping Motor Driver
More results

Similar Description - LB1945D

ManufacturerPart #DatasheetDescription
logo
Rohm
BA6845FS ROHM-BA6845FS Datasheet
72Kb / 6P
   Stepping motor driver
BD6775EFV ROHM-BD6775EFV Datasheet
83Kb / 3P
   Stepping Motor Driver
BA6846FV-E2 ROHM-BA6846FV-E2 Datasheet
90Kb / 6P
   Stepping motor driver
logo
ON Semiconductor
SKT672-040-E ONSEMI-SKT672-040-E Datasheet
203Kb / 19P
   Stepping Motor Driver
June, 2013
SKT672-080-E ONSEMI-SKT672-080-E Datasheet
182Kb / 18P
   Stepping Motor Driver
June, 2013
LB1945H ONSEMI-LB1945H Datasheet
85Kb / 7P
   Stepping Motor Driver
June, 2013
logo
Rohm
BD63621MUV ROHM-BD63621MUV Datasheet
1Mb / 29P
   Stepping Motor Driver
logo
Fairchild Semiconductor
KA3100D FAIRCHILD-KA3100D Datasheet
163Kb / 8P
   Stepping Motor Driver
logo
ON Semiconductor
SKT672-060-E ONSEMI-SKT672-060-E Datasheet
198Kb / 19P
   Stepping Motor Driver
June, 2013
logo
Sanken electric
SI-7200E SANKEN-SI-7200E Datasheet
324Kb / 4P
   STEPPING MOTOR DRIVER
logo
ON Semiconductor
LB11946 ONSEMI-LB11946 Datasheet
127Kb / 14P
   Stepping Motor Driver
June, 2013
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com