Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TRW-V8-433-P Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # TRW-V8-433-P
Description  433MHz Wireless RF Hi Power Transceiver Module
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TRW-V8-433-P Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  TRW-V8-433-P Datasheet HTML 1Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 2Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 3Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 4Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 5Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 6Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 7Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 8Page - List of Unclassifed Manufacturers TRW-V8-433-P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
Japan Frequency Band
Module No.
TRW-V8-426-X-X
TRW-V8-429-X-X
Remark
Frequency
Range
426.025MHz
429.25~429.7375MHz
(25KHz 間隔のみ)
Power Correspondence
1mW, 10mW
1mW, 10mW
動作コマンドで設
定切替え
Optional
Module No. Description:
If the last section of module No. is G, which means this module
has G sensor
If the last section of module No. is P, which means this module
has Pressure sensor
Every model of this module has TEMP sensor. All optional parts
can be added to the module.
Function Introduction
TRW-V8-433-P is wireless high power data two-way transceiver RF module.
The key feature of this module is its resilience against interference, which way
surpass traditional wireless module. The build in Saw Filter can remove
unnecessary interference signals. When the transmitting distance is not far
enough during operational environment, relay protocol station can be used to
forward signal; also, transmitting to other interface if it is required.
This module is fully digitalized structure designed, there is no adjustment
required. This module includes UR and I2C interface, which provide
convenience communication. Also, we can modify software, including special
monitor point for voltage (A/D), current, output voltage (D/A) according to
customer demand. End product requirement can be met without add MCU; this
will save designing time for user.
Another key feature of TRW-V8 is its wide operating temperature, which is
between -20 and +70°C. The build-in AFC can auto-lock frequency, there is no
need to worry about frequency shifting after long period of operation.
TRW-V8-433-P has wide range of usage other than transmitting date. This
module can vibration collector, (detecting landslides) and weather detection.
Other function can be added accordingly; also, software can be changed, this
module is convenient and easy to use.
http://www.wenshing.com.tw ; http://www.rf.net.tw
TRW-V8-433-P Datasheet P.3


Similar Part No. - TRW-V8-433-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
More results

Similar Description - TRW-V8-433-P

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRW-V8-925-P ETC2-TRW-V8-925-P Datasheet
1Mb / 13P
   925MHz Wireless RF Hi Power Transceiver Module
TRW-400B ETC2-TRW-400B Datasheet
886Kb / 15P
   Wireless Hi Power 0.5W RF Transceiver Module
TRW-V12 ETC2-TRW-V12 Datasheet
534Kb / 10P
   418~440MHz Wireless RF Hi Power Transceiver Module
TRW-V10-916-P ETC2-TRW-V10-916-P Datasheet
1Mb / 12P
   925 Mhz Wireless RF Hi Power Transceiver Module
TRW-24C ETC2-TRW-24C Datasheet
703Kb / 24P
   Wireless Low Cost 2.4GHz Hi Power 19dBm RF Transceiver Module
TWS-BS-6 ETC2-TWS-BS-6 Datasheet
302Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-5 ETC2-TWS-DS-5 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-2 ETC2-TWS-DS-2 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-DS-3 ETC2-TWS-DS-3 Datasheet
325Kb / 5P
   Wireless Hi Power Transmitter Module (RF ASK)
TWS-F916 ETC2-TWS-F916 Datasheet
223Kb / 3P
   Wireless Hi Power Transmitter Module (RF FSK)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com