Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASM3P2508AF-08SR Datasheet(PDF) 3 Page - ON Semiconductor

Part # ASM3P2508AF-08SR
Description  Peak EMI Reducing
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

ASM3P2508AF-08SR Datasheet(HTML) 3 Page - ON Semiconductor

  ASM3P2508AF-08SR Datasheet HTML 1Page - ON Semiconductor ASM3P2508AF-08SR Datasheet HTML 2Page - ON Semiconductor ASM3P2508AF-08SR Datasheet HTML 3Page - ON Semiconductor ASM3P2508AF-08SR Datasheet HTML 4Page - ON Semiconductor ASM3P2508AF-08SR Datasheet HTML 5Page - ON Semiconductor ASM3P2508AF-08SR Datasheet HTML 6Page - ON Semiconductor ASM3P2508AF-08SR Datasheet HTML 7Page - ON Semiconductor ASM3P2508AF-08SR Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
ASM3P2508A
http://onsemi.com
3
Table 4. DC ELECTRICAL CHARACTERISTICS
(Test Condition: All the parameters are measured at room temperature (25°C), unless otherwise stated.)
Parameter
Symbol
Conditions / Description
Min
Typ
Max
Unit
OVERALL
Supply Current, Dynamic
Icc
VDD = 3.3 V, FCLK = 14.31818 MHz,
CL = 15 pF
40
49
60
mA
Supply Current, Static
IDD
VDD = 3.3 V, Software Power Down
(Note 1)
27
35
43
mA
ALL INPUT PINS
High−Level Input Voltage
VIH
VDD = 3.3 V
2.0
VDD+0.3
V
Low−Level Input Voltage
VIL
VDD = 3.3 V
VSS−0.3
0.8
V
High−Level Input Current
IIH
−1
1
mA
Low−Level Input Current
(pull−up)
IIL
−20
−36
−80
mA
CLOCK OUTPUTS (FOUT1CLK, FOUT2CLK)
High−Level Output Voltage
VOH
VDD = 3.3 V, IOH = 20 mA
2.5
3.3
V
Low−Level Output Voltage
VOL
VDD = 3.3 V, IOL = 20 mA
0
0.4
V
Output Impedance
ZOH
VO = 0.5 VDD; output driving high
29
W
ZOL
Vo = 0.5 VDD; output driving low
27
1. FOUT1CLK (120 MHz) is functional and not loaded.
Table 5. AC ELECTRICAL CHARACTERISTICS
Parameter
Symbol
Conditions / Description
Min
Typ
Max
Unit
Rise Time
tr
VO = 0.8 V to 2.0 V; CL = 15 pF
FOUT1CLK
640
680
750
pS
FOUT2CLK
440
480
600
Fall Time
tf
VO = 2.0 V to 0.8 V; CL = 15 pF
FOUT1CLK
660
720
800
pS
FOUT2CLK
460
520
570
Clock Duty Cycle
tD
Ratio of pulse width (as measured from rising edge to
next falling edge at 2.5 V) to one clock period
45
55
%
Frequency
Deviation
fD
Output Frequency = 120 MHz
±2.73
%
Output Frequency = 72 MHz / 48 MHz
±1.78
Jitter, Long Term
Tj (LT)
On rising edges 500 mS apart at 2.5 V relative to an
ideal clock, PLL B inactive (Note 2)
45
pS
On rising edges 500 mS apart at 2.5 V relative to an
ideal clock, PLL B active (Note 2)
165
Jitter, peak to peak
Tj (DT)
From rising edge to next rising edge at 2.5 V,
PLL B inactive (Note 2)
110
pS
From rising edge to next rising edge at 2.5 V,
PLL B active (Note 2)
390
Clock Stabilization
Time
tSTB
Output active from power up, RUN Mode via Software
Power Down
125
mS
2. CL = 15 pF, Fxin = 14.31818 MHz.


Similar Part No. - ASM3P2508AF-08SR

ManufacturerPart #DatasheetDescription
logo
PulseCore Semiconductor
ASM3P2508AF-08SR PULSECORE-ASM3P2508AF-08SR Datasheet
401Kb / 9P
   Peak EMI Reducing Solution
More results

Similar Description - ASM3P2508AF-08SR

ManufacturerPart #DatasheetDescription
logo
Alliance Semiconductor ...
ASM3P2853A ALSC-ASM3P2853A Datasheet
2Mb / 8P
   Peak EMI Reducing Solution
logo
ON Semiconductor
ASM3P2760 ONSEMI-ASM3P2760_15 Datasheet
97Kb / 7P
   Peak EMI Reducing Solution
July, 2015 ??Rev. 3
ASM3P2853 ONSEMI-ASM3P2853_12 Datasheet
142Kb / 7P
   Peak EMI Reducing Solution
FEBRUARY 2012 ??Rev. 3
ASM3P2108A ONSEMI-ASM3P2108A Datasheet
129Kb / 5P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
ASM3P2180A ONSEMI-ASM3P2180A Datasheet
132Kb / 6P
   Peak Reducing EMI Solution
JANUARY 2010 ??Rev. 2
ASM3P2474A ONSEMI-ASM3P2474A Datasheet
134Kb / 7P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 2
logo
Alliance Semiconductor ...
ASM3P2111A ALSC-ASM3P2111A Datasheet
207Kb / 8P
   Peak EMI Reducing Solution
logo
Cypress Semiconductor
W181-01GT CYPRESS-W181-01GT Datasheet
190Kb / 9P
   Peak-Reducing EMI Solution
logo
ON Semiconductor
ASM3P2107A ONSEMI-ASM3P2107A Datasheet
136Kb / 6P
   Peak EMI Reducing Solution
JANUARY 2010 ??Rev. 1
logo
Alliance Semiconductor ...
ASM3P2190A ALSC-ASM3P2190A Datasheet
117Kb / 7P
   Peak Reducing EMI Solution
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com