Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1SV267-TB-E Datasheet(PDF) 1 Page - ON Semiconductor

Part # 1SV267-TB-E
Description  PIN Diode
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

1SV267-TB-E Datasheet(HTML) 1 Page - ON Semiconductor

  1SV267-TB-E Datasheet HTML 1Page - ON Semiconductor 1SV267-TB-E Datasheet HTML 2Page - ON Semiconductor 1SV267-TB-E Datasheet HTML 3Page - ON Semiconductor 1SV267-TB-E Datasheet HTML 4Page - ON Semiconductor 1SV267-TB-E Datasheet HTML 5Page - ON Semiconductor 1SV267-TB-E Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
91212 TKIM/52098HA (KT)/42294YH (KOTO) BX-0222 No.4514-1/6
http://onsemi.com
Semiconductor Components Industries, LLC, 2013
September, 2013
1SV267
PIN Diode
Dual series PIN Diode for VHF, UHF and AGC
50V, 50mA, rs=typ 2.5
Ω, CP
Stresses exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the Recommended Operating
Conditions is not implied. Extended exposure to stresses above the Recommended Operating Conditions may affect device reliability.
Features
Series connection of 2 elements in a very smallsized package facilitates high-density mounting and
permits 1SV267-applied equipment to be made smaller
Small interterminal capacitance (C=0.23pF typ)
Small forward series resistance (rs=2.5
Ω typ)
Specifications
Absolute Maximum Ratings at Ta=25°C
Parameter
Symbol
Conditions
Ratings
Unit
Reverse Voltage
VR
50
V
Forward Current
IF
50
mA
Allowable Power Dissipation
P
150
mW
Junction Temperature
Tj
125
°C
Storage Temperature
Tstg
--55 to +125
°C
Package Dimensions
unit : mm (typ)
7013A-008
Ordering number : EN4514B
Product & Package Information
• Package
: CP
• JEITA, JEDEC
: SC-59, TO-236, SOT-23, TO-236AB
• Minimum Packing Quantity : 3,000 pcs./reel
Packing Type: TB
Marking
Electrical Connection
1 : Anode
2 : Cathode
3 : Cathode / Anode
CP
12
3
2.9
0.95
0.4
0.1
TB
KV
1SV267-TB-E
3
12


Similar Part No. - 1SV267-TB-E

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
1SV267 SANYO-1SV267 Datasheet
64Kb / 3P
   PIN Diode for VHF, UHF, AGC Applications
logo
Guangdong Kexin Industr...
1SV267 KEXIN-1SV267 Datasheet
37Kb / 1P
   PIN Diode for VHF,UHF,AGC Applications
logo
Sanyo Semicon Device
1SV267 SANYO-1SV267 Datasheet
359Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
1SV267 SANYO-1SV267_12 Datasheet
359Kb / 6P
   PIN Diode for VHF, UHF, AGC Applications
More results

Similar Description - 1SV267-TB-E

ManufacturerPart #DatasheetDescription
logo
AUK corp
SDP510D AUK-SDP510D Datasheet
46Kb / 3P
   Pin Diode
SDP510WMU AUK-SDP510WMU Datasheet
44Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM2300 MICROSEMI-UM2300 Datasheet
185Kb / 5P
   PIN DIODE
logo
Rohm
RN142S ROHM-RN142S Datasheet
43Kb / 3P
   PIN diode
logo
AUK corp
SDP510WMUF AUK-SDP510WMUF Datasheet
45Kb / 3P
   Pin Diode
logo
Microsemi Corporation
UM6000 MICROSEMI-UM6000 Datasheet
221Kb / 4P
   PIN DIODE
logo
Torex Semiconductor
1106_XB15A402 TOREX-1106_XB15A402 Datasheet
103Kb / 2P
   PIN DIODE
logo
Solid States Devices, I...
RC0130A SSDI-RC0130A_15 Datasheet
137Kb / 2P
   PIN DIODE
logo
Rohm
RN142GT2R ROHM-RN142GT2R Datasheet
114Kb / 3P
   PIN diode
logo
Jiangsu Changjiang Elec...
BAP64-04W JIANGSU-BAP64-04W Datasheet
650Kb / 5P
   Pin Diode
logo
Rohm
RN242CST2RA ROHM-RN242CST2RA Datasheet
330Kb / 5P
   PIN diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com